Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1017-18R Datasheet(PDF) 8 Page - Eorex Corporation

Part # EP1017-18R
Description  THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1017-18R Datasheet(HTML) 8 Page - Eorex Corporation

  EP1017-18R Datasheet HTML 1Page - Eorex Corporation EP1017-18R Datasheet HTML 2Page - Eorex Corporation EP1017-18R Datasheet HTML 3Page - Eorex Corporation EP1017-18R Datasheet HTML 4Page - Eorex Corporation EP1017-18R Datasheet HTML 5Page - Eorex Corporation EP1017-18R Datasheet HTML 6Page - Eorex Corporation EP1017-18R Datasheet HTML 7Page - Eorex Corporation EP1017-18R Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
eorex
Preliminary
EP1017
Jun. 2007
www.eorex.com
8/8
Package Description (Continued)
MILLIMETERS
DIM
MIN
MAX
A
8.64
9.65
B
9.65
10.29
C
4.06
4.83
D
0.51
0.99
E
1.14
1.40
F
1.14
1.40
J
0.46
0.74
K
14.61
15.88
L
2.54
M
0
0
8
0
N
2.03
2.79
S
1.27
1.78
U
2.29
2.79
V
1.02
1.40


Similar Part No. - EP1017-18R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1017-KU18B ETC2-EP1017-KU18B Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
EP1017-KU18R ETC2-EP1017-KU18R Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
EP1017-KU25B ETC2-EP1017-KU25B Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
EP1017-KU25R ETC2-EP1017-KU25R Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
EP1017-KU33B ETC2-EP1017-KU33B Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results

Similar Description - EP1017-18R

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317E3 CYSTEKEC-LM317E3 Datasheet
218Kb / 10P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com