Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1084D18R Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP1084D18R
Description  5A Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1084D18R Datasheet(HTML) 3 Page - Eorex Corporation

  EP1084D18R Datasheet HTML 1Page - Eorex Corporation EP1084D18R Datasheet HTML 2Page - Eorex Corporation EP1084D18R Datasheet HTML 3Page - Eorex Corporation EP1084D18R Datasheet HTML 4Page - Eorex Corporation EP1084D18R Datasheet HTML 5Page - Eorex Corporation EP1084D18R Datasheet HTML 6Page - Eorex Corporation EP1084D18R Datasheet HTML 7Page - Eorex Corporation EP1084D18R Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
eorex
EP1084
Jul. 2006
www.eorex.com
3/8
Electrical Characteristics
(Under operating conditions)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VREF
Reference Voltage
TJ=25°C, IOUT=10mA,
(VIN -VOUT) =1.5V
1.225
1.250
1.275
V
EP1084-adj
TJ=25°C, IOUT=10mA,
VOUT +1.5V<VIN<12V
0.2
%
EP1084-15
TJ=25°C, IOUT=10mA,
3V
≤VIN≤12V
1.470
1.500
1.530
EP1084-18
TJ=25°C, IOUT=10mA,
3.3V
≤VIN≤12V
1.764
1.800
1.836
EP1084-25
TJ=25°C, IOUT=10mA,
4V
≤VIN≤12V
2.450
2.500
2.550
EP1084-33
TJ=25°C, IOUT=10mA,
4.8V
≤VIN≤12V
3.235
3.300
3.365
REGLINE
Line
Regulation
EP1084-50
TJ=25°C, IOUT=10mA,
6.5V
≤VIN≤12V
4.900
5.000
5.100
V
EP1084-adj
TJ=25°C, VIN=3.3V,
0mA<IOUT<5A
(Note1, 2)
1
%
EP1084-15
TJ=25°C, VIN=3V,
0mA<IOUT<5A
(Note1, 2)
12
15
EP1084-18
TJ=25°C, VIN=3.3V,
0mA<IOUT<5A
(Note1, 2)
15
18
EP1084-25
TJ=25°C, VIN=4V,
0mA<IOUT<5A
(Note1, 2)
20
25
EP1084-33
TJ=25°C, VIN=5V,
0mA<IOUT<5A
(Note1, 2)
26
33
REGLOAD
Load
Regulation
EP1084-50
TJ=25°C, VIN=8V,
0mA<IOUT<5A
(Note1, 2)
45
50
mV
VD
Dropout Voltage
IOUT=5A(∆VOUT=1%VOUT)
1.3
1.4
V
ILIMIT
Current Limit
(VIN -VOUT)=5V
5.1
A
IO
Minimum Load Current
5
10
mA
TS
Temperature Stability
IOUT=10mA
0.5
%
TO-252
98
θJA
Thermal
Resistance
TO-263
Junction-to-Ambient (No
heat sink ;No air flow)
83
°C/W
TO-252
10
θJC
Thermal
Resistance
TO-263
Junction-to-Case
(Control circuitry/Power
transistor)
0.65/2.7
°C/W
Note 1:
See thermal regulation specifications for changes in output voltage due to heating effects. Line and
load regulation are measured at a constant junction temperature by low duty cycle pulse testing.
Load regulation is measured at the output lead = 1/18” from the package.
Note 2:
Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power
dissipation is determined by the difference between input and output and the output current.
Guaranteed maximum power dissipation will not be available over the full input/output range.


Similar Part No. - EP1084D18R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1084 EOREX-EP1084_15 Datasheet
284Kb / 8P
   5A Low Dropout Linear Regulator
More results

Similar Description - EP1084D18R

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com