Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS202IPW Datasheet(PDF) 4 Page - Texas Instruments

Part # TRS202IPW
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS202IPW Datasheet(HTML) 4 Page - Texas Instruments

  TRS202IPW Datasheet HTML 1Page - Texas Instruments TRS202IPW Datasheet HTML 2Page - Texas Instruments TRS202IPW Datasheet HTML 3Page - Texas Instruments TRS202IPW Datasheet HTML 4Page - Texas Instruments TRS202IPW Datasheet HTML 5Page - Texas Instruments TRS202IPW Datasheet HTML 6Page - Texas Instruments TRS202IPW Datasheet HTML 7Page - Texas Instruments TRS202IPW Datasheet HTML 8Page - Texas Instruments TRS202IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
DRIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
ESD Protection
TRS202
5-V DUAL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS808 – JULY 2007
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
DOUT at RL = 3 kΩ to
VOH
High-level output voltage
DIN = GND
5
9
V
GND,
DOUT at RL = 3 kΩ to
VOL
Low-level output voltage
DIN = VCC
–5
–9
V
GND,
IIH
High-level input current
VI = VCC
15
200
μA
IIL
Low-level input current
VI at 0 V
–15
–200
μA
IOS
(3)
Short-circuit output current
VCC = 5.5 V,
VO = 0 V
±10
±60
mA
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
CL = 50 to 1000 pF,
RL = 3 kΩ to 7 kΩ,
Maximum data rate
120
kbit/s
One DOUT switching,
See Figure 1
Propagation delay time,
CL = 2500 pF,
RL = 3 kΩ,
tPLH(D)
2
μs
low- to high-level output
All drivers loaded,
See Figure 1
Propagation delay time,
CL = 2500 pF,
RL = 3 kΩ,
tPHL(D)
2
μs
high- to low-level output
All drivers loaded,
See Figure 1
CL = 150 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ,
tsk(p)
Pulse skew(3)
300
ns
See Figure 2
Slew rate, transition region
CL = 50 pF to 1000 pF,
RL = 3 kΩ to 7 kΩ,
SR(tr)
3
6
30
V/
μs
(see Figure 1)
VCC = 5 V
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
PIN
TEST CONDITIONS
TYP
UNIT
DOUT, RIN
Human-Body Model (HBM)
±15
kV
4
Submit Documentation Feedback


Similar Part No. - TRS202IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202ECD TI-TRS202ECD Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202ECD TI-TRS202ECD Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202ECDG4 TI-TRS202ECDG4 Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS202IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com