Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODP-43-PF-155-STX-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ODP-43-PF-155-STX-R
Description  FSAN High Power Diplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ODP-43-PF-155-STX-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ODP-43-PF-155-STX-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ODP-43-PF-155-STX-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ODP-43-PF-155-STX-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ODP-43-PF-155-STX-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ODP-43-PE
FSAN High Power Diplexer
PRELIMINARY
Digital Receiver Characteristics (622 Mbps)
Parameter
Detection Wavelength
Gain differential
Supply Voltage
Supply Current (Vcc= 5V)a
Supply Current (Vcc= 3.3V)a
High Frequency -3 dB point (Vcc= 5V)b
High Frequency -3 dB point (Vcc= 3.3V)b
Single -ended output voltage(p-p)c
Single-ended output resistanced
Min
1260
10
3
23
20
450
440
75
40
Typical
-
-
5.0
28
28
580
520
200
50
Max
1360
-
5.5
45
42
750
600
330
62
Units
nm
mV/
µW
V
mA
mA
MHz
MHz
mV
Ohm
Symbol
λ
G
Vcc
Icc
Icc
f-3dB(h)
f-3dB(h)
Vo(se)(p-p)
Ro(se)
a) AC coupled; RL =50 Ohm
b) Ci= 0.7 pF
c) AC coupled; RL =50 Ohm; input current =100 µA(p-p)
d) DC tested
Digital Receiver Characteristics (155 Mbps)
Parameter
Detection Wavelength
Gain differential
Supply Voltage
Supply Current (Vcc= 5V)a
Supply Current (Vcc= 3.3V)a
High Frequency -3 dB pointb
Single-ended output voltage(p-p)c
Single-ended output resistanced
Min
1260
20
3
20
20
100
40
36
Typical
-
-
5.0
38
35
130
110
44
Max
1360
-
5.5
60
50
-
200
57
Units
nm
mV/
µW
V
mA
mA
MHz
mV
Ohm
Symbol
λ
G
Vcc
Icc
Icc
f-3dB(h)
Vo(se)(p-p)
Ro(se)
a) AC Coupled; RL=50Ohm
b) AC coupled; measured differentially; Ci =0.7 pF; RL =50 Ohm; Tj= 100ºC
c) AC coupled; RL =50 Ohm; input current =100 µA(p-p)
d) DC tested


Similar Part No. - ODP-43-PF-155-STX-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ODP-34-PA ETC2-ODP-34-PA Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
ODP-34-PA-1250-FCA-C ETC2-ODP-34-PA-1250-FCA-C Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
ODP-34-PA-1250-FCA-R ETC2-ODP-34-PA-1250-FCA-R Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
ODP-34-PA-1250-FCU-C ETC2-ODP-34-PA-1250-FCU-C Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
ODP-34-PA-1250-FCU-R ETC2-ODP-34-PA-1250-FCU-R Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
More results

Similar Description - ODP-43-PF-155-STX-R

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
OTP-345V1-PAA SOURCE-OTP-345V1-PAA Datasheet
280Kb / 4P
   FSAN High Power Triplexer
logo
List of Unclassifed Man...
ODP-34-PE ETC2-ODP-34-PE Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
   Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
   Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
   Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
   Diplexer
DPLX-4254A0 MINI-DPLX-4254A0 Datasheet
411Kb / 3P
   Diplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com