Electronic Components Datasheet Search |
|
EM44AM1684LBC-5F Datasheet(PDF) 6 Page - Eorex Corporation |
|
EM44AM1684LBC-5F Datasheet(HTML) 6 Page - Eorex Corporation |
6 / 29 page eorex EM44AM1684LBC Jul. 2006 www.eorex.com 6/29 Absolute Maximum Rating Symbol Item Rating Units VIN, VOUT Input, Output Voltage -0.5 ~ +2.3 V VDD, VDDQ, Power Supply Voltage -0.5 ~ +2.3 V VDDL, DLL Power Supply Voltage -0.5 ~ +2.3 V TOP Operating Temperature Range 0 ~ +85 °C TSTG Storage Temperature Range -55 ~ +100 °C PD Power Dissipation 1 W IOS Short Circuit Current 50 mA Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent damage. The device is not meant to be operated under conditions outside the limits described in the operational section of this specification. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Capacitance (VCC=1.8V ± ±± ± 0.1V, f=1MHz, TA=25°C) Symbol Parameter Min. Typ. Max. Units CCK Input Capacitance of CK, /CK 1.0 - 2.0 pF CDCK Input Capacitance delta of CK, /CK - - 0.25 pF CI Input Capacitance for others: CKE, Address, /CS, /RAS, /CAS, /WE 1.0 - 2.0 pF CDI Input Capacitance delta for others - - 0.25 pF CIO Input/Output Capacitance DQ, DM, DQS, DQS, RDQS, RDQS 3.0 - 4.0 pF CDIO Input/Output Capacitance delta - - 0.5 pF Recommended DC Operating Conditions (TA=0°C ~85°C) Symbol Parameter Min. Typ. Max. Units VDD Power Supply Voltage 1.7 1.8 1.9 V VDDDL Power Supply for DLL Voltage 1.7 1.8 1.9 V VDDQ Power Supply for Output Voltage 1.7 1.8 1.9 V VREF Input Reference Voltage 0.49* VDDQ 0.5* VDDQ 0.51* VDDQ V VTT Termination Voltage VREF - 0.04 VREF VREF +0.04 V VID DC differential Input Voltage 0.25 - VDDQ+0.6 V VIH Input Logic High Voltage VREF +0.125 - VDDQ+0.3 V VIL Input Logic Low Voltage -0.3 - VREF - 0.125 V Note: * All voltages referred to VSS. |
Similar Part No. - EM44AM1684LBC-5F |
|
Similar Description - EM44AM1684LBC-5F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |