Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1017-R Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP1017-R
Description  THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1017-R Datasheet(HTML) 2 Page - Eorex Corporation

  EP1017-R Datasheet HTML 1Page - Eorex Corporation EP1017-R Datasheet HTML 2Page - Eorex Corporation EP1017-R Datasheet HTML 3Page - Eorex Corporation EP1017-R Datasheet HTML 4Page - Eorex Corporation EP1017-R Datasheet HTML 5Page - Eorex Corporation EP1017-R Datasheet HTML 6Page - Eorex Corporation EP1017-R Datasheet HTML 7Page - Eorex Corporation EP1017-R Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
eorex
Preliminary
EP1017
Jun. 2007
www.eorex.com
Maximun Ratings
Rating
Symbol
Value
Unit
Input-Output
Voltage Differential
VI-VO
40
Vdc
Power dissipation
PD
Internally
Limited
Operating
T
-40 to +125
Electrical Characteristics (VI-VO=5.0V;IO=0.5A;TJ=25℃)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Regline
Line Regulation
1
3.0V≦(V1-V0) ≦40V
0.04
%/V
Regload
Line Regulation
1
10mA≦1out ≦1.5A,
V0≦5.0V,C≧5.0V
25
0.5
mV
%V
TR
Thermal Regulation
20ms Pulse
0.07
%W
IAdi
Adjustment Pin Current
100
µA
Vref
Reference Voltage
2P
D≦20W
3.0V≦V1-V0≦40V
10mA≦Io≦1.5A
1.3
V
ILIMIT
Minimum Load Current to
Maintain Regulation
V1-V0=40V
10
mA
IMax
Maximum Output Current
PD≦20W, V1-V0≦15V
V1-V0=40V
1.5
0.15
2.2
0.4
A
θ
th
Thermal Resistance
junction to ambient
5.0
°C/W
NOTES:
1.Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating
effects must be taken into account separately. Pulse testing with low duty cycle is used.
2.Selected devices with tightened tolerance reference voltage available.
2/8


Similar Part No. - EP1017-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1017-KU18B ETC2-EP1017-KU18B Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
EP1017-KU18R ETC2-EP1017-KU18R Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
EP1017-KU25B ETC2-EP1017-KU25B Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
EP1017-KU25R ETC2-EP1017-KU25R Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
EP1017-KU33B ETC2-EP1017-KU33B Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results

Similar Description - EP1017-R

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317E3 CYSTEKEC-LM317E3 Datasheet
218Kb / 10P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com