Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1084KR Datasheet(PDF) 5 Page - Eorex Corporation

Part # EP1084KR
Description  5A Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1084KR Datasheet(HTML) 5 Page - Eorex Corporation

  EP1084KR Datasheet HTML 1Page - Eorex Corporation EP1084KR Datasheet HTML 2Page - Eorex Corporation EP1084KR Datasheet HTML 3Page - Eorex Corporation EP1084KR Datasheet HTML 4Page - Eorex Corporation EP1084KR Datasheet HTML 5Page - Eorex Corporation EP1084KR Datasheet HTML 6Page - Eorex Corporation EP1084KR Datasheet HTML 7Page - Eorex Corporation EP1084KR Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
eorex
EP1084
Jul. 2006
www.eorex.com
5/8
Functional Block Diagram
Current
Limit
Thermal
Shutdown
VOUT
FB
VIN
+
+-
+
1.25V
Introduction
The EP1084 adjustable Low Dropout (LDO) regulator is a 3 terminal device that can easily be
programmed with the addition of two external resistors to any voltages within the range of 1.25V to VIN
-1.4V. The EP1084 only needs 1.4V differential between VIN and VOUT to maintain output regulation. In
addition, the output voltage tolerances are also extremely tight and they include the transient response
as part of the specification. For example, Intel VRE specification calls for a total of
±100mV including
initial tolerance, load regulation and 0 to 5.0A load step.
The EP1084 is specifically designed to meet the fast current transient needs as well as providing an
accurate initial voltage, reducing the overall system cost with the need for fewer output capacitors.
Output Voltage Setting
The EP1084 can be programmed to any voltages in the range of 1.25V to VIN -1.4V with the addition of
R1 and R2 external resistors according to the following formula:
The EP1084 keeps a constant 1.25V between the output pin and the FB pin. By placing a resistor R1
across these two pins a constant current flows through R1, adding to the IFB current and into the R2
resistor producing a voltage equal to the (1.25/R1)*R2+IFB*R2 which will be added to the 1.25V to set the
output voltage. This is summarized in the above equation. Since the minimum load current requirement
of the EP1084 is 10mA, R1 is typically selected to be 121Ω resistor so that it automatically satisfies the
minimum current requirement. Notice that since IFB is typically in the range of 55uA it only adds a small
error to the output voltage and should only be considered when a very precise output voltage setting is
required. For example, in a typical 3.3V application where R1=121Ω and R2=200Ω the error due to IFB is
only 0.3% of the nominal set point.


Similar Part No. - EP1084KR

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1084 EOREX-EP1084_15 Datasheet
284Kb / 8P
   5A Low Dropout Linear Regulator
More results

Similar Description - EP1084KR

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com