Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1117-D33B Datasheet(PDF) 7 Page - Eorex Corporation

Part # EP1117-D33B
Description  1A Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1117-D33B Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EP1117-D33B Datasheet HTML 2Page - Eorex Corporation EP1117-D33B Datasheet HTML 3Page - Eorex Corporation EP1117-D33B Datasheet HTML 4Page - Eorex Corporation EP1117-D33B Datasheet HTML 5Page - Eorex Corporation EP1117-D33B Datasheet HTML 6Page - Eorex Corporation EP1117-D33B Datasheet HTML 7Page - Eorex Corporation EP1117-D33B Datasheet HTML 8Page - Eorex Corporation EP1117-D33B Datasheet HTML 9Page - Eorex Corporation EP1117-D33B Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
eorex
EP1117
Jul. 2006
www.eorex.com
7/10
Input Capacitor
An input capacitor of 10μF or greater is recommended. Tantalum or aluminum electrolytic capacitors can
be used for bypassing. Larger Values will improve ripple rejection by bypassing the input to the regulator.
Output Capacitor
The EP1117 requires an output capacitor to maintain stability and improve transient response. The
EP1117 output capacitor selection is dependent upon the ESR (equivalent series resistance) of the
output capacitor to maintain stability. When the output capacitor is 10μF or greater, the output capacitor
should have an ESR less than 1Ω. This will improve transient response as well as promote stability. A
low-ESR solid Tantalum capacitor works extremely well and provides good transient response and
stability over temperature. Aluminum electrolytes can also be used, as long as the ESR of the
capacitor is less than 1Ω. The value of the output capacitor can be increased without limit. Higher
capacitance values help to improve transient response and ripple rejection and reduce output noise.
Ripple Rejection
The curves for Ripple Rejection were generated using an adjustable device with the FB pin bypassed.
With a 22μF bypassing capacitor 75dB ripple rejection is obtainable at any output level. The impedance
of the FB pin capacitor, at the ripple frequency, should be<R1. R1 is normally in the range of 100Ω-200Ω.
The size of the required FB pin capacitor is a function of the input ripple frequency. At 120Hz, with
R1=100Ω, the FB pin capacitor should be 13μF. For fixed voltage devices, and adjustable devices
without a FB pin capacitor, the output ripple will increase as the ratio of the output voltage to the
reference voltage (VOUT/VREF).
Thermal Considerations
The EP1117 regulators have thermal protection to limit junction temperature to 150ºC. However, device
functionality is only guaranteed to a maximum junction temperature of +125ºC. A heat sink may be
required depending on the maximum power dissipation and maximum ambient temperature of the
application. Figure 3 and 4 show for the SOT-223 and TO-252 the measured values θ(JA) for different
copper area sizes using a 2 layers, 1.6mm, and 6Sq. cm FR-4 PCB with 2oz. copper and a ground plane
layer on the backside area used for heat sinking. It can be used as a rough guideline in estimating
thermal resistance. Both the SOT-223 and TO-252 packages use a copper plane on the PCB and the
PCB itself as a heat sink. To optimize the heat sinking ability of the plane and PCB, solder the tab of the
package to the plane.
Figure 3-θ(JA) vs copper area for SOT-223 package


Similar Part No. - EP1117-D33B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117-18 ETC1-EP1117-18 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-25 ETC1-EP1117-25 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-33 ETC1-EP1117-33 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-ADJ ETC1-EP1117-ADJ Datasheet
245Kb / 8P
   1A Low Dropout Regulator
More results

Similar Description - EP1117-D33B

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com