Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM44AM1684LBC-37FE Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM44AM1684LBC-37FE
Description  256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44AM1684LBC-37FE Datasheet(HTML) 1 Page - Eorex Corporation

  EM44AM1684LBC-37FE Datasheet HTML 1Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 2Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 3Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 4Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 5Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 6Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 7Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 8Page - Eorex Corporation EM44AM1684LBC-37FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
eorex
EM44AM1684LBC
Jul. 2006
www.eorex.com
1/29
256Mb (4M×
××
×4Bank×
××
×16)
Double DATA RATE 2 SDRAM
Features
• JEDEC Standard VDD/VDDQ=1.8V ± 0.1V.
• All inputs and outputs are compatible with
SSTL_18 interface.
• Fully differential clock inputs (CK,/CK) operation.
• 4 Banks
• Posted CAS
• Burst Length: 4 and 8.
• Programmable CAS Latency (CL): 3, 4 and 5.
• Programmable Additive Latency (AL):
0, 1, 2, 3 and 4.
• Write Latency (WL) =Read Latency (RL) -1.
• Read Latency (RL) = Programmable Additive
Latency (AL) + CAS Latency (CL)
• Bi-directional Differential Data Strobe (DQS).
• Data inputs on DQS centers when write.
• Data outputs on DQS, /DQS edges when read.
• On chip DLL align DQ, DQS and /DQS transition
with CK transition.
• DM mask write data-in at the both rising and falling
edges of the data strobe.
• Sequential & Interleaved Burst type available.
• Off-Chip Driver (OCD) Impedance Adjustment
• On Die Termination (ODT)
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms
• Average Refresh Period 7.8us at lower than Tcase
85°C, 3.9us at 85°C < Tcase ≦ 95°C
• RoHS Compliance
• Partial Array Self-Refresh (PASR)
• High Temperature Self-Refresh rate enable
Description
The EM44AM1684LBC is a high speed Double Date
Rate 2 (DDR2) Synchronous DRAM fabricated with
ultra high performance CMOS process containing
268,435,456 bits which organized as 4Mbits x 4
banks by 16 bits.
This synchronous device achieves high speed
double-data-rate transfer
rates
of
up to 667
Mb/sec/pin (DDR2-667) for general applications.
The chip is designed to comply with the following
key DDR2 SDRAM features: (1) posted CAS with
additive latency, (2) write latency = read latency -1,
(3) Off-Chip Driver (OCD) impedance adjustment
and On Die Termination (4) normal and weak
strength data output driver.
All
of
the
control
and
address
inputs
are
synchronized with a pair of externally supplied
differential clocks. Inputs are latched at the cross
point of differential clocks (CK rising and /CK falling).
All I/Os are synchronized with a pair of bidirectional
strobes (DQS and /DQS) in a source synchronous
fashion. The address bus is used to convey row,
column and bank address information in a /RAS and
/CAS multiplexing style.
The 512Mb DDR2 device operates with a single
power supply: 1.8V ± 0.1V VDD and VDDQ.
Available package: TFBGA-84Ball (12.5mmx10mm,
0.8mm x 0.8mm ball pitch).
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM44AM1684LBC-5F
16M X 16
DDR2-400MHz 3-3-3
TFBGA-84Ball
Commercial
Free
EM44AM1684LBC-37F
16M X 16
DDR2-533MHz 4-4-4
TFBGA-84Ball
Commercial
Free
EM44AM1684LBC-3F
16M X 16
DDR2-667MHz 5-5-5
TFBGA-84Ball
Commercial
Free
Note: Speed bin is in order of CL-tRCD-tRP


Similar Part No. - EM44AM1684LBC-37FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBA-37F EOREX-EM44AM1684LBA-37F Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBA-37FE EOREX-EM44AM1684LBA-37FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBA-3F EOREX-EM44AM1684LBA-3F Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBA-3FE EOREX-EM44AM1684LBA-3FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
More results

Similar Description - EM44AM1684LBC-37FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTB EOREX-EM42AM1684RTB Datasheet
238Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RBA EOREX-EM42AM1684RBA Datasheet
294Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
logo
Eorex Corporation
EM44CM1688LBC EOREX-EM44CM1688LBC_15 Datasheet
925Kb / 29P
   Double DATA RATE 2 SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB_15 Datasheet
1Mb / 28P
   Double DATA RATE 2 SDRAM
EM44DM0888LBA EOREX-EM44DM0888LBA_15 Datasheet
755Kb / 29P
   Double DATA RATE 2 SDRAM
EM44CM0884LBA EOREX-EM44CM0884LBA_15 Datasheet
778Kb / 28P
   Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com