Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM484M3244VTB-7FE Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM484M3244VTB-7FE
Description  256Mb (2M횞4Bank횞32) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M3244VTB-7FE Datasheet(HTML) 3 Page - Eorex Corporation

  EM484M3244VTB-7FE Datasheet HTML 1Page - Eorex Corporation EM484M3244VTB-7FE Datasheet HTML 2Page - Eorex Corporation EM484M3244VTB-7FE Datasheet HTML 3Page - Eorex Corporation EM484M3244VTB-7FE Datasheet HTML 4Page - Eorex Corporation EM484M3244VTB-7FE Datasheet HTML 5Page - Eorex Corporation EM484M3244VTB-7FE Datasheet HTML 6Page - Eorex Corporation EM484M3244VTB-7FE Datasheet HTML 7Page - Eorex Corporation EM484M3244VTB-7FE Datasheet HTML 8Page - Eorex Corporation EM484M3244VTB-7FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
eorex
EM488M3244VTB
Jul. 2006
www.eorex.com
Pin Description (Simplified)
Pin
Name
Function
68
CLK
(System Clock)
Master clock input (Active on the positive rising edge)
20
/CS
(Chip Select)
Selects chip when active
67
CKE
(Clock Enable)
Activates the CLK when “H” and deactivates when “L”.
CKE should be enabled at least one cycle prior to new
command. Disable input buffers for power down in standby.
21,24~27,60~66
A0~A11
(Address)
Row address (A0 to A11) is determined by A0 to A11 level at
the bank active command cycle CLK rising edge.
CA (CA0 to CA8) is determined by A0 to A8 level at the read or
write command cycle CLK rising edge.
And this column address becomes burst access start address.
A10 defines the pre-charge mode. When A10= High at the
pre-charge command cycle, all banks are pre-charged.
But when A10= Low at the pre-charge command cycle, only the
bank that is selected by BA0/BA1 is pre-charged.
22, 23
BA0, BA1
(Bank Address)
Selects which bank is to be active.
19
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK
with /RAS “L”. Enables row access & pre-charge.
18
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
17
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
16,28,59,71
DQM0~DQM3
(Data Input/Output Mask)
DQM controls I/O buffers.
2, 4, 5, 7, 8, 10,
11,13,31,33,34,36
,37,39,40,42,45,
47,48,50,51,53,
54,56,74,76,77,
79,80,82,83,85
DQ0~DQ31
(Data Input/Output)
DQ pins have the same function as I/O pins on a conventional
DRAM.
1,15,29,43/
44,58,72,86
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
3,9,35,41,49,55,
75,81/6,12,32,38,
46,52,78,84
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
14,30,57,69,70,
73
NC
(No Connection)
This pin is recommended to be left No Connection on the
device.
3/17


Similar Part No. - EM484M3244VTB-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VTA EOREX-EM484M3244VTA Datasheet
678Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTA-6F EOREX-EM484M3244VTA-6F Datasheet
678Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTA-6FE EOREX-EM484M3244VTA-6FE Datasheet
678Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTA-6FE EOREX-EM484M3244VTA-6FE Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM484M3244VTA-6FE EOREX-EM484M3244VTA-6FE Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM484M3244VTB-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M3244LBA EOREX-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBB EOREX-EM488M3244VBB Datasheet
296Kb / 18P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBC EOREX-EM488M3244VBC Datasheet
722Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244LBB EOREX-EM488M3244LBB Datasheet
722Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M3244LBA ETC2-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBB ETC2-EM488M3244VBB Datasheet
296Kb / 18P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com