Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1117-D50B Datasheet(PDF) 10 Page - Eorex Corporation

Part # EP1117-D50B
Description  1A Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1117-D50B Datasheet(HTML) 10 Page - Eorex Corporation

Back Button EP1117-D50B Datasheet HTML 2Page - Eorex Corporation EP1117-D50B Datasheet HTML 3Page - Eorex Corporation EP1117-D50B Datasheet HTML 4Page - Eorex Corporation EP1117-D50B Datasheet HTML 5Page - Eorex Corporation EP1117-D50B Datasheet HTML 6Page - Eorex Corporation EP1117-D50B Datasheet HTML 7Page - Eorex Corporation EP1117-D50B Datasheet HTML 8Page - Eorex Corporation EP1117-D50B Datasheet HTML 9Page - Eorex Corporation EP1117-D50B Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
eorex
EP1117
Jul. 2006
www.eorex.com
10/10
Package Description (Continued)
TO-252
e1
e
E
b
D
L2
L1
b1
H
L
A1
c
A
c1
Seating Plane
MILLIMETERS
INCHES
DIM
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
2.18
2.29
2.40
0.086
0.090
0.094
A1
0.89
1.14
0.035
0.045
b
5.20
5.35
5.50
0.205
0.211
0.217
b1
0.61 TYP.
0.024 TYP.
c
0.45
0.52
0.58
0.018
0.020
0.023
c1
0.45
0.52
0.58
0.018
0.020
0.023
D
6.35
6.58
6.80
0.250
0.259
0.268
E
5.40
5.57
6.20
0.213
0.219
0.244
e
2.28 REF.
0.090 REF.
e1
4.57 REF.
0.180 REF.
H
9.00
9.70
10.40
0.354
0.382
0.409
L
0.51
0.020
L1
0.64
0.83
1.02
0.025
0.033
0.040
L2
0.88
1.27
0.035
0.050


Similar Part No. - EP1117-D50B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117-18 ETC1-EP1117-18 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-25 ETC1-EP1117-25 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-33 ETC1-EP1117-33 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-ADJ ETC1-EP1117-ADJ Datasheet
245Kb / 8P
   1A Low Dropout Regulator
More results

Similar Description - EP1117-D50B

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com