Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1117-FB Datasheet(PDF) 9 Page - Eorex Corporation

Part # EP1117-FB
Description  1A Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1117-FB Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EP1117-FB Datasheet HTML 2Page - Eorex Corporation EP1117-FB Datasheet HTML 3Page - Eorex Corporation EP1117-FB Datasheet HTML 4Page - Eorex Corporation EP1117-FB Datasheet HTML 5Page - Eorex Corporation EP1117-FB Datasheet HTML 6Page - Eorex Corporation EP1117-FB Datasheet HTML 7Page - Eorex Corporation EP1117-FB Datasheet HTML 8Page - Eorex Corporation EP1117-FB Datasheet HTML 9Page - Eorex Corporation EP1117-FB Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
eorex
EP1117
Jul. 2006
www.eorex.com
9/10
Package Description
SOT-223 (Reference JEDEC Registration SOT-223)
B1
D
H
E
K
e
e1
β
B
α
A
c
L
A1
MILLIMETERS
INCHES
DIM
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.50
1.80
0.059
0.070
A1
0.02
0.08
0.001
0.003
B
0.60
0.80
0.023
0.031
B1
2.90
3.10
0.113
0.121
c
0.28
0.32
0.011
0.012
D
6.30
6.70
0.246
0.261
E
3.30
3.70
0.129
0.144
e
2.30 REF.
0.090 REF.
e1
4.60 REF.
0.179 REF.
H
6.70
7.30
0.261
0.285
L
0.91
1.10
0.035
0.043
K
1.50
2.00
0.059
0.078
α
10°
10°
β
13°
13°


Similar Part No. - EP1117-FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117-18 ETC1-EP1117-18 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-25 ETC1-EP1117-25 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-33 ETC1-EP1117-33 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-ADJ ETC1-EP1117-ADJ Datasheet
245Kb / 8P
   1A Low Dropout Regulator
More results

Similar Description - EP1117-FB

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com