Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC195PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC195PW
Description  High-Speed CMOS Logic 4-Bit Parallel Access Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC195PW Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC195PW Datasheet HTML 1Page - Texas Instruments CD74HC195PW Datasheet HTML 2Page - Texas Instruments CD74HC195PW Datasheet HTML 3Page - Texas Instruments CD74HC195PW Datasheet HTML 4Page - Texas Instruments CD74HC195PW Datasheet HTML 5Page - Texas Instruments CD74HC195PW Datasheet HTML 6Page - Texas Instruments CD74HC195PW Datasheet HTML 7Page - Texas Instruments CD74HC195PW Datasheet HTML 8Page - Texas Instruments CD74HC195PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS165E
Features
• Asynchronous Master Reset
•J, K, (D) Inputs to First Stage
• Fully Synchronous Serial or Parallel Data Transfer
• Shift Right and Parallel Load Capability
• Complementary Output From Last Stage
• Buffered Inputs
• Typical fMAX = 50MHz at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
PInout
CD54HC195
(CERDIP)
CD74HC195
(PDIP, SOIC, SOP, TSSOP)
TOP VIEW
Description
The device is useful in a wide variety of shifting, counting
and storage applications. It performs serial, parallel, serial to
parallel, or parallel to serial data transfers at very high
speeds.
The two modes of operation, shift right (Q0-Q1) and parallel
load, are controlled by the state of the Parallel Enable (PE)
input. Serial data enters the first flip-flop (Q0) via the J and K
inputs when the PE input is high, and is shifted one bit in the
direction Q0-Q1-Q2-Q3 following each Low to High clock
transition. The J and K inputs provide the flexibility of the JK-
type input for special applications and by tying the two pins
together, the simple D-type input for general applications.
The device appears as four common-clocked D flip-flops
when the PE input is Low. After the Low to High clock
transition, data on the parallel inputs (D0-D3) is transferred
to the respective Q0-Q3 outputs. Shift left operation (Q3-Q2)
can be achieved by tying the Qn outputs to the Dn-1 inputs
and holding the PE input low.
All parallel and serial data transfers are synchronous, occurring
after each Low to High clock transition. The ’HC195 series
utilizes edge triggering; therefore, there is no restriction on the
activity of the J, K, Pn and PE inputs for logic operations, other
than set-up and hold time requirements. A Low on the
asynchronous Master Reset (MR) input sets all Q outputs Low,
independent of any other input condition.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
MR
J
K
D0
D1
D2
GND
D3
VCC
Q1
Q2
Q3
Q3
CP
PE
Q0
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC195F3A
-55 to 125
16 Ld CERDIP
CD74HC195E
-55 to 125
16 Ld PDIP
CD74HC195M
-55 to 125
16 Ld SOIC
CD74HC195NSR
-55 to 125
16 Ld SOP
CD74HC195PW
-55 to 125
16 Ld TSSOP
CD74HC195PWR
-55 to 125
16 Ld TSSOP
CD74HC195PWT
-55 to 125
16 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffix R
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
September 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC195, CD74HC195
High-Speed CMOS Logic
4-Bit Parallel Access Register
[ /Title
(CD74
HC195
)
/Sub-
ject
(High
Speed
CMOS
Logic
4-Bit
Paral-
lel
Access
Regis-
ter)
/Autho


Similar Part No. - CD74HC195PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC195PW TI-CD74HC195PW Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195PW TI-CD74HC195PW Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195PWE4 TI-CD74HC195PWE4 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195PWR TI-CD74HC195PWR Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195PWR TI-CD74HC195PWR Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results

Similar Description - CD74HC195PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com