Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC195PWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74HC195PWRG4
Description  High-Speed CMOS Logic 4-Bit Parallel Access Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC195PWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC195PWRG4 Datasheet HTML 1Page - Texas Instruments CD74HC195PWRG4 Datasheet HTML 2Page - Texas Instruments CD74HC195PWRG4 Datasheet HTML 3Page - Texas Instruments CD74HC195PWRG4 Datasheet HTML 4Page - Texas Instruments CD74HC195PWRG4 Datasheet HTML 5Page - Texas Instruments CD74HC195PWRG4 Datasheet HTML 6Page - Texas Instruments CD74HC195PWRG4 Datasheet HTML 7Page - Texas Instruments CD74HC195PWRG4 Datasheet HTML 8Page - Texas Instruments CD74HC195PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Prerequisite For Switching Function
PARAMETER
SYMBOL
TEST
CONDITIONS VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
Clock Frequency
fMAX
-
2
6-5-4-
MHz
4.5
30
-
25
-
20
-
MHz
6
35
-
29
-
23
-
MHz
MR Pulse Width
tw
-
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Clock Pulse Width
tw
-
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Set-up Time
J, K, PE to Clock
tSU
-
2
100
-
125
-
150
-
ns
4.5
20
-
25
-
30
-
ns
6
17-21
-26-
ns
Hold Time
J, K, PE to Clock
tH
-
2
3-3-3-
ns
4.5
3-3-3-
ns
6
5
-3-3-
ns
Removal Time,
MR to Clock
tREM
-
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay, CP to
Output
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
6
-
30
37
45
ns
Propagation Delay,
MR toOutput
tPLH, tPHL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
Output Transition Times
(Figure 1)
tTLH, tTHL
CL = 50pF
2
-
75
95
110
ns
4.5
-
15
19
22
ns
6
-
13
16
19
ns
Input Capacitance
CIN
--
-
10
10
10
pF
CP to Qn Propagation Delay
tPLH, tPHL
CL = 15pF
5
14
-
-
-
ns
MR to Qn
tPHL
CL = 15pF
5
13
-
-
-
ns
Maximum Clock Frequency
fMAX
CL = 15pF
5
50
-
-
-
MHz
Power Dissipation
Capacitance (Notes 2, 3)
CPD
CL = 15pF
45
-
-
-
pF
NOTES:
2. CPD is used to determine the dynamic power consumption, per flip-flop.
3. PD =VCC
2 f
i + ∑ (CL VCC
2 +f
O) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD54HC195, CD74HC195


Similar Part No. - CD74HC195PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC195PWR TI-CD74HC195PWR Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195PWR TI-CD74HC195PWR Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195PWRE4 TI-CD74HC195PWRE4 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results

Similar Description - CD74HC195PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com