Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDI404SI-16 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDI404SI-16
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI404SI-16 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDI404SI-16 Datasheet HTML 3Page - IXYS Corporation IXDI404SI-16 Datasheet HTML 4Page - IXYS Corporation IXDI404SI-16 Datasheet HTML 5Page - IXYS Corporation IXDI404SI-16 Datasheet HTML 6Page - IXYS Corporation IXDI404SI-16 Datasheet HTML 7Page - IXYS Corporation IXDI404SI-16 Datasheet HTML 8Page - IXYS Corporation IXDI404SI-16 Datasheet HTML 9Page - IXYS Corporation IXDI404SI-16 Datasheet HTML 10Page - IXYS Corporation IXDI404SI-16 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
IXDN404 / IXDI404 / IXDF404
High State Ouput Resistance vs. Supply Voltage
0
1
2
3
4
5
6
5
10
152025
3035
Supply Voltage (V)
Low State Output Resistance vs. Supply Voltage
0
1
2
3
4
5
6
5
1015
20
2530
35
Supply Voltage (V)
Vcc vs. P Channel Output Current
-12
-10
-8
-6
-4
-2
0
5
101520253035
Vcc (V)
Fig. 25
Fig. 26
Fig. 23
Fig. 24
N Channel Output Current vs. Temperature
Vcc = 18V CL = 1000pF
0
1
2
3
4
5
6
-80
-30
20
70
120
170
Temperature (C)
P Channel Output Current vs. Temperature
Vcc = 18V, CL = 1000pF
0
1
2
3
4
5
6
-80
-30
20
70
120
170
Temperature (C)
Fig. 27
Fig. 28
Vcc vs. N Channel Ouput Current
0
2
4
6
8
10
12
5
1015
20253035
Vcc (V)


Similar Part No. - IXDI404SI-16

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404SI-16 IXYS-IXDI404SI-16 Datasheet
246Kb / 10P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDI404SI-16

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
   4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN504SIA IXYS-IXDN504SIA Datasheet
415Kb / 10P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
   2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
   1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com