Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4001 Datasheet(PDF) 7 Page - Eorex Corporation

Part # EP4001
Description  High Efficiency, Step-Up Converter with EXT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP4001 Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EP4001 Datasheet HTML 2Page - Eorex Corporation EP4001 Datasheet HTML 3Page - Eorex Corporation EP4001 Datasheet HTML 4Page - Eorex Corporation EP4001 Datasheet HTML 5Page - Eorex Corporation EP4001 Datasheet HTML 6Page - Eorex Corporation EP4001 Datasheet HTML 7Page - Eorex Corporation EP4001 Datasheet HTML 8Page - Eorex Corporation EP4001 Datasheet HTML 9Page - Eorex Corporation EP4001 Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
eorex
EP4001
Aug. 2006
www.eorex.com
7/10
Low Noise Fixed Frequency Operation Oscillator
The frequency of operation is internally set to 450KHz.
Error Amp:
The internal 1.22V reference voltage is compared to the voltage at the FB pin to generate an
error signal at the output of the error amplifier. A voltage divider from VOUT to ground programs the output
according to the equation:
VOUT= FB ×
+
R2
R1
1
Where FB=1.22V
Due to device performance limitation, the EP4001 is limited to applications with output voltage less than
4.2V, until the problem is corrected at later date.
PWM Mode
Refer to Figure 3, functional block diagram. The main gain block is a comparator that sums four signals:
feedback voltage, reference, current-sensing and slope compensation ramp. This direct-summing
method approaches the ideal of cycle-by-cycle control of output voltage. Under heavy loads, the
controller operates in full PWM mode. Every pulse from the oscillator sets the output latch and turns on
the NMOS switch for a period determined by the duty factor and current limit.
PFM Mode Operation
Portable devices frequently spend extended time in low power or standby mode, only switching to high
power mode when specific functions are enabled. Maintain high efficiency over a wide range of load
current is critical for prolong battery life. In addition to its high efficiency at moderate and heavy loads,
the EP4001 includes automatic PFM operation that improves efficiency of the converter at light load.
PFM operation is initiated if the output load current falls below an internally programmed threshold. Once
initiated, the PFM operation circuitry shuts down most of the device, only keeping alive the circuitry
required to monitor the output voltage.


Similar Part No. - EP4001

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP4001 EOREX-EP4001_15 Datasheet
349Kb / 10P
   High Efficiency, Step-Up Converter with EXT
More results

Similar Description - EP4001

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP4001 EOREX-EP4001_15 Datasheet
349Kb / 10P
   High Efficiency, Step-Up Converter with EXT
logo
Anpec Electronics Corop...
APW7212 ANPEC-APW7212 Datasheet
353Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Texas Instruments
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com