Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM482M1644VTE-6FE Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM482M1644VTE-6FE
Description  128Mb (2M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM482M1644VTE-6FE Datasheet(HTML) 2 Page - Eorex Corporation

  EM482M1644VTE-6FE Datasheet HTML 1Page - Eorex Corporation EM482M1644VTE-6FE Datasheet HTML 2Page - Eorex Corporation EM482M1644VTE-6FE Datasheet HTML 3Page - Eorex Corporation EM482M1644VTE-6FE Datasheet HTML 4Page - Eorex Corporation EM482M1644VTE-6FE Datasheet HTML 5Page - Eorex Corporation EM482M1644VTE-6FE Datasheet HTML 6Page - Eorex Corporation EM482M1644VTE-6FE Datasheet HTML 7Page - Eorex Corporation EM482M1644VTE-6FE Datasheet HTML 8Page - Eorex Corporation EM482M1644VTE-6FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
eorex
EM488M1644VTE
Dec. 2007
www.eorex.com
Pin Assignment
54pin TSOP-II / (400mil
× 875mil) / (0.8mm Pin pitch)
2/17


Similar Part No. - EM482M1644VTE-6FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM482M1644VTB-6FE EOREX-EM482M1644VTB-6FE Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM482M1644VTB-75FE EOREX-EM482M1644VTB-75FE Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM482M1644VTB-7FE EOREX-EM482M1644VTB-7FE Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM482M1644VTC-6FE EOREX-EM482M1644VTC-6FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM482M1644VTC-6FE EOREX-EM482M1644VTC-6FE Datasheet
673Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM482M1644VTE-6FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBC EOREX-EM488M1644LBC Datasheet
278Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTF EOREX-EM488M1644VTF Datasheet
651Kb / 18P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VBA EOREX-EM488M1644VBA Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M1644VTB ETC2-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M1644VTC EOREX-EM488M1644VTC Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTB EOREX-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBB EOREX-EM488M1644LBB Datasheet
667Kb / 19P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com