Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM488M1644VTB-75FL Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM488M1644VTB-75FL
Description  128Mb (2Mx4Bankx16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M1644VTB-75FL Datasheet(HTML) 3 Page - Eorex Corporation

  EM488M1644VTB-75FL Datasheet HTML 1Page - Eorex Corporation EM488M1644VTB-75FL Datasheet HTML 2Page - Eorex Corporation EM488M1644VTB-75FL Datasheet HTML 3Page - Eorex Corporation EM488M1644VTB-75FL Datasheet HTML 4Page - Eorex Corporation EM488M1644VTB-75FL Datasheet HTML 5Page - Eorex Corporation EM488M1644VTB-75FL Datasheet HTML 6Page - Eorex Corporation EM488M1644VTB-75FL Datasheet HTML 7Page - Eorex Corporation EM488M1644VTB-75FL Datasheet HTML 8Page - Eorex Corporation EM488M1644VTB-75FL Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
EM488M1644VTB
____________________________________________
Recommended DC Operating Conditions
( VDD = 3.3V +/- 0.3 V, Ta = 0 ~ 70 °C )
Parameter
Symbol
Test condition
MAX
Units Notes
mA
Operating current
ICC1
Burst length = 1,
tRC
≥ tRC (min), IOL = 0 mA,
One bank active
75
mA
1
Precharge standby
current in power down
mode
ICC2P
CKE
≤ VIL (max.), tCK= 15 ns
1
mA
ICC2PS
CKE
≤ VIL (max.), tCK= ∞
1
mA
Precharge standby
current in non-power
down mode
ICC2N
CKE
≥ VIL (min.), tCK=15ns,
/CS
≥ VIH (min.) Input signals are
changed one time during 30ns
20
mA
ICC2NS
CKE
≥ VIL (min.), tCK = ∞
Input signals are stable
15
mA
Active standby current
in power down mode
ICC3P
CKE
≤ VIL (max), tCK = 15ns
7
mA
ICC3PS
CKE
≤ VIL (max), tCK = ∞
5
mA
Active standby current
in non-power down
mode
ICC3N
CKE
≥ VIL (min), tCK = 15ns,
/CS
≥ VIH (min) Input signals are
changed one time during 30ns
45
mA
ICC3NS
CKE
≥ VIL (min), tCK = ∞
Input signals are stable
35
mA
operating current
(Burst mode)
ICC4
tCCD
≥ 2CLKs , IOL = 0 mA
110
mA
2
Refresh current
ICC5
tRC
≥ tRC(min.)
150
mA
3
Self Refresh current
ICC6
CKE
≤ 0.2V
1
mA
4
All voltages referenced to Vss.
Note : 1. ICC1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min)
2. ICC4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min)
3. Input signals are changed only one time during tCK (min)
4. Standard low power version.
3


Similar Part No. - EM488M1644VTB-75FL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM488M1644VTB-75F ETC2-EM488M1644VTB-75F Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M1644VTB-75F EOREX-EM488M1644VTB-75F Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTB-75FE EOREX-EM488M1644VTB-75FE Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM488M1644VTB-75FL

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VTD EOREX-EM488M1644VTD Datasheet
1Mb / 18P
   128Mb (2Mx4Bankx16) Synchronous DRAM
EM488M1644VTC_EV EOREX-EM488M1644VTC_EV Datasheet
1Mb / 18P
   128Mb (2Mx4Bankx16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
IS42S16800E-6TLI-TR ETC-IS42S16800E-6TLI-TR Datasheet
971Kb / 61P
   128Mb SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
IS42S32400F ISSI-IS42S32400F Datasheet
1Mb / 60P
   128Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM484M3244VBA EOREX-EM484M3244VBA Datasheet
690Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTC EOREX-EM484M3244VTC Datasheet
281Kb / 18P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
IS42VM81600E ISSI-IS42VM81600E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com