Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM488M1644VBB-75F Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM488M1644VBB-75F
Description  128Mb (2M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M1644VBB-75F Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM488M1644VBB-75F Datasheet HTML 3Page - Eorex Corporation EM488M1644VBB-75F Datasheet HTML 4Page - Eorex Corporation EM488M1644VBB-75F Datasheet HTML 5Page - Eorex Corporation EM488M1644VBB-75F Datasheet HTML 6Page - Eorex Corporation EM488M1644VBB-75F Datasheet HTML 7Page - Eorex Corporation EM488M1644VBB-75F Datasheet HTML 8Page - Eorex Corporation EM488M1644VBB-75F Datasheet HTML 9Page - Eorex Corporation EM488M1644VBB-75F Datasheet HTML 10Page - Eorex Corporation EM488M1644VBB-75F Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
eorex
EM488M1644VBB
Jul. 2006
www.eorex.com
7/17
AC Operating Test Conditions
(VDD=2.75V ~ 3.6V, TA=-10°C ~70°C; -25°C ~ +85°C)
Item
Conditions
Output Reference Level
1.4V/1.4V
Output Load
See diagram as below
Input Signal Level
2.4V/0.4V
Transition Time of Input Signals
2ns
Input Reference Level
1.4V
AC Operating Test Characteristics
(VDD=2.75V ~ 3.6V, TA=-10°C ~70°C; -25°C ~ +85°C)
-7
-7.5
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
CL=3
7
7.5
tCK
Clock Cycle Time
CL=2
7.5
10
ns
CL=3
5.4
5.4
tAC
Access Time form CLK
CL=2
5.4
6
ns
tCH
CLK High Level Width
2.5
2.5
ns
tCL
CLK Low Level Width
2.5
2.5
ns
CL=3
3
3
tOH
Data-out Hold Time
CL=2
2
2
ns
CL=3
3
7
3
7
tHZ
Data-out High Impedance
Time
(Note 5)
CL=2
ns
tLZ
Data-out Low Impedance Time
0
0
ns
tIH
Input Hold Time
0.8
1
ns
tIS
Input Setup Time
1.5
1.5
ns
* All voltages referenced to VSS.
Note 5: tHZ defines the time at which the output achieve the open circuit condition and is not referenced to
output voltage levels.


Similar Part No. - EM488M1644VBB-75F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VBB-75FE EOREX-EM488M1644VBB-75FE Datasheet
700Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM488M1644VBB-75F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBC EOREX-EM488M1644LBC Datasheet
278Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTF EOREX-EM488M1644VTF Datasheet
651Kb / 18P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VBA EOREX-EM488M1644VBA Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M1644VTB ETC2-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M1644VTE EOREX-EM488M1644VTE Datasheet
684Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTC EOREX-EM488M1644VTC Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTB EOREX-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBB EOREX-EM488M1644LBB Datasheet
667Kb / 19P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com