Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM484M3244VTA Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM484M3244VTA
Description  128Mb (1M횞4Bank횞32) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M3244VTA Datasheet(HTML) 4 Page - Eorex Corporation

  EM484M3244VTA Datasheet HTML 1Page - Eorex Corporation EM484M3244VTA Datasheet HTML 2Page - Eorex Corporation EM484M3244VTA Datasheet HTML 3Page - Eorex Corporation EM484M3244VTA Datasheet HTML 4Page - Eorex Corporation EM484M3244VTA Datasheet HTML 5Page - Eorex Corporation EM484M3244VTA Datasheet HTML 6Page - Eorex Corporation EM484M3244VTA Datasheet HTML 7Page - Eorex Corporation EM484M3244VTA Datasheet HTML 8Page - Eorex Corporation EM484M3244VTA Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
eorex
EM484M3244VTA
Jul. 2006
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.3 ~ +4.6
V
VDD, VDDQ
Power Supply Voltage
-0.3 ~ +4.6
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=3.3V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
2.5
4.0
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
2.5
4.5
pF
CO
Input/Output Capacitance
4.0
6.5
pF
Recommended DC Operating Conditions (TA=0°C ~70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
3.0
3.3
3.6
V
VDDQ
Power Supply Voltage (for I/O Buffer)
3.0
3.3
3.6
V
VIH
Input Logic High Voltage
2.0
VDD+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.8
V
Note: * All voltages referred to VSS.
* VIH (max.) = 5.6V for pulse width 3ns
* VIL (min.) = -2.0V for pulse width 3ns
4/17


Similar Part No. - EM484M3244VTA

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VTA-6FE EOREX-EM484M3244VTA-6FE Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM484M3244VTA-6FE EOREX-EM484M3244VTA-6FE Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM484M3244VTA-75FE EOREX-EM484M3244VTA-75FE Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM484M3244VTA-75FE EOREX-EM484M3244VTA-75FE Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM484M3244VTA-7FE EOREX-EM484M3244VTA-7FE Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM484M3244VTA

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VBA EOREX-EM484M3244VBA Datasheet
690Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTC EOREX-EM484M3244VTC Datasheet
281Kb / 18P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
IS42S16800E-6TLI-TR ETC-IS42S16800E-6TLI-TR Datasheet
971Kb / 61P
   128Mb SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
IS42S32400F ISSI-IS42S32400F Datasheet
1Mb / 60P
   128Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M1644VTD EOREX-EM488M1644VTD Datasheet
1Mb / 18P
   128Mb (2Mx4Bankx16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
IS42VM81600E ISSI-IS42VM81600E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com