Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM481M1644VTC-7FE Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM481M1644VTC-7FE
Description  128Mb (2M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM481M1644VTC-7FE Datasheet(HTML) 3 Page - Eorex Corporation

  EM481M1644VTC-7FE Datasheet HTML 1Page - Eorex Corporation EM481M1644VTC-7FE Datasheet HTML 2Page - Eorex Corporation EM481M1644VTC-7FE Datasheet HTML 3Page - Eorex Corporation EM481M1644VTC-7FE Datasheet HTML 4Page - Eorex Corporation EM481M1644VTC-7FE Datasheet HTML 5Page - Eorex Corporation EM481M1644VTC-7FE Datasheet HTML 6Page - Eorex Corporation EM481M1644VTC-7FE Datasheet HTML 7Page - Eorex Corporation EM481M1644VTC-7FE Datasheet HTML 8Page - Eorex Corporation EM481M1644VTC-7FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
eorex
EM488M1644VTC
Jul. 2006
www.eorex.com
Pin Description (Simplified)
Pin
Name
Function
38
CLK
(System Clock)
Master clock input (Active on the positive rising edge)
19
/CS
(Chip Select)
Selects chip when active
37
CKE
(Clock Enable)
Activates the CLK when “H” and deactivates when “L”.
CKE should be enabled at least one cycle prior to new
command. Disable input buffers for power down in standby.
23~26, 22, 29~35
A0~A11
(Address)
Row address (A0 to A11) is determined by A0 to A11 level at
the bank active command cycle CLK rising edge.
CA (CA0 to CA8) is determined by A0 to A8 level at the read or
write command cycle CLK rising edge.
And this column address becomes burst access start address.
A10 defines the pre-charge mode. When A10= High at the
pre-charge command cycle, all banks are pre-charged.
But when A10= Low at the pre-charge command cycle, only the
bank that is selected by BA0/BA1 is pre-charged.
20, 21
BA0, BA1
(Bank Address)
Selects which bank is to be active.
18
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK
with /RAS “L”. Enables row access & pre-charge.
17
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
16
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
39/15
UDQM/LDQM
(Data Input/Output Mask)
DQM controls I/O buffers.
2, 4, 5, 7, 8, 10,
11, 13, 42, 44, 45,
47, 48, 50, 51, 53
DQ0~DQ15
(Data Input/Output)
DQ pins have the same function as I/O pins on a conventional
DRAM.
1,14,27/
28,41,54
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
3, 9, 43, 49/
6, 12, 46, 52
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
36,40
NC
(No Connection)
This pin is recommended to be left No Connection on the
device.
3/17


Similar Part No. - EM481M1644VTC-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1644VTC-7FE EOREX-EM481M1644VTC-7FE Datasheet
673Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM481M1644VTC-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBC EOREX-EM488M1644LBC Datasheet
278Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTF EOREX-EM488M1644VTF Datasheet
651Kb / 18P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VBA EOREX-EM488M1644VBA Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M1644VTB ETC2-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M1644VTE EOREX-EM488M1644VTE Datasheet
684Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTB EOREX-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBB EOREX-EM488M1644LBB Datasheet
667Kb / 19P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com