Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM484M1644VTC-7F Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM484M1644VTC-7F
Description  64Mb (1M횞4Bank횞16) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M1644VTC-7F Datasheet(HTML) 3 Page - Eorex Corporation

  EM484M1644VTC-7F Datasheet HTML 1Page - Eorex Corporation EM484M1644VTC-7F Datasheet HTML 2Page - Eorex Corporation EM484M1644VTC-7F Datasheet HTML 3Page - Eorex Corporation EM484M1644VTC-7F Datasheet HTML 4Page - Eorex Corporation EM484M1644VTC-7F Datasheet HTML 5Page - Eorex Corporation EM484M1644VTC-7F Datasheet HTML 6Page - Eorex Corporation EM484M1644VTC-7F Datasheet HTML 7Page - Eorex Corporation EM484M1644VTC-7F Datasheet HTML 8Page - Eorex Corporation EM484M1644VTC-7F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
eorex
EM484M1644VTC
Dec. 2007
www.eorex.com
Pin Description (Simplified)
Pin
Name
Function
38
CLK
(System Clock)
Master clock input (Active on the positive rising edge)
19
/CS
(Chip Select)
Selects chip when active
37
CKE
(Clock Enable)
Activates the CLK when “H” and deactivates when “L”.
CKE should be enabled at least one cycle prior to new
command. Disable input buffers for power down in standby.
23~26, 22, 29~35
A0~A11
(Address)
Row address (A0 to A11) is determined by A0 to A11 level at
the bank active command cycle CLK rising edge.
CA (CA0 to CA7) is determined by A0 to A7 level at the read or
write command cycle CLK rising edge.
And this column address becomes burst access start address.
A10 defines the pre-charge mode. When A10= High at the
pre-charge command cycle, all banks are pre-charged.
But when A10= Low at the pre-charge command cycle, only the
bank that is selected by BA0/BA1 is pre-charged.
20, 21
BA0, BA1
(Bank Address)
Selects which bank is to be active.
18
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK
with /RAS “L”. Enables row access & pre-charge.
17
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
16
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
39/15
UDQM/LDQM
(Data Input/Output Mask)
DQM controls I/O buffers.
2, 4, 5, 7, 8, 10,
11, 13, 42, 44, 45,
47, 48, 50, 51, 53
DQ0~DQ15
(Data Input/Output)
DQ pins have the same function as I/O pins on a conventional
DRAM.
1,14,27/
28,41,54
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
3, 9, 43, 49/
6, 12, 46, 52
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
36,40
NC
(No Connection)
This pin is recommended to be left No Connection on the
device.
3/18


Similar Part No. - EM484M1644VTC-7F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTC-7FE EOREX-EM484M1644VTC-7FE Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM484M1644VTC-7F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTA EOREX-EM482M3244VTA Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com