Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-14-F06-PD-SMUH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C-14-F06-PD-SMUH
Description  1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C-14-F06-PD-SMUH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C-14-F06-PD-SMUH Datasheet HTML 1Page - List of Unclassifed Manufacturers C-14-F06-PD-SMUH Datasheet HTML 2Page - List of Unclassifed Manufacturers C-14-F06-PD-SMUH Datasheet HTML 3Page - List of Unclassifed Manufacturers C-14-F06-PD-SMUH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V),
Bi-directional Diplexer Optical Module
C-13/14-FXX-PX-SXXX/XXX-XX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1545-FEB0906
rev. A.0
LUMINENTOIC.COM
Pin Assignment
Outline Demensions
Units in mm.
Functional Schematic
Pin Assignment
Pin 4 : Monitor Diode Anode
Pin 1 : Laser Anode and Monitor Diode Cathode
LD Pin Assignment
Pin 3 : Laser Cathode
Pin 2 : Case Gnd
Pin 2 : Laser Anode and Case Gnd
Pin 3 : Monitor Diode Anode
Pin 1 : Laser Cathode
Pin 4 : Monitor Diode Cathode
A Type
D Type
PIN-TIA Pin Assignment
Part Number: C-13/14-FXX-PX-SXXX/XXX-XX
Left side view
DIMENSION: A:7.0~7.6 mm (Low & Middle power)
A:9.3~9.9 mm (High power)
LD
Front view
+200
1000 +0
PIN-TIA
19.4
Top view
FC:FC/PC
(SR=20)
PC


Similar Part No. - C-14-F06-PD-SMUH

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-14-13-D06-BD-SLCL SOURCE-C-14-13-D06-BD-SLCL Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-14-13-D06-BD-SLCL-G5 SOURCE-C-14-13-D06-BD-SLCL-G5 Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-14-13-D06-BD-SLCL-GR SOURCE-C-14-13-D06-BD-SLCL-GR Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-14-13-D06-BD-SSCL SOURCE-C-14-13-D06-BD-SSCL Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-14-13-D06-BD-SSCL-G5 SOURCE-C-14-13-D06-BD-SSCL-G5 Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
More results

Similar Description - C-14-F06-PD-SMUH

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-14-F02-P-SFCL SOURCE-C-13-14-F02-P-SFCL Datasheet
729Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-14-F06-BD-SSCL SOURCE-C-13-14-F06-BD-SSCL Datasheet
545Kb / 4P
   1310nm Emitting , 1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-14-13-D06-BD-SSCL SOURCE-C-14-13-D06-BD-SSCL Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F04-P-NLCH SOURCE-C-13-15-F04-P-NLCH Datasheet
512Kb / 4P
   1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F02-BD-NLCM SOURCE-C-13-15-F02-BD-NLCM Datasheet
825Kb / 4P
   1310nm Emitting ,1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F02-BD-NLCM SOURCE-C-15-13-F02-BD-NLCM Datasheet
824Kb / 4P
   1550nm Emitting ,1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F04-P-NLCH SOURCE-C-15-13-F04-P-NLCH Datasheet
512Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
List of Unclassifed Man...
C-15-F04 ETC2-C-15-F04 Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Source Photonics, Inc.
C-13-15-D02-B-SSCL SOURCE-C-13-15-D02-B-SSCL Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-15-13-D02-B-SSCL SOURCE-C-15-13-D02-B-SSCL Datasheet
797Kb / 4P
   1550nm Emitting(DFB),1310nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com