Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM421M1644RTA-5FE Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM421M1644RTA-5FE
Description  128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM421M1644RTA-5FE Datasheet(HTML) 3 Page - Eorex Corporation

  EM421M1644RTA-5FE Datasheet HTML 1Page - Eorex Corporation EM421M1644RTA-5FE Datasheet HTML 2Page - Eorex Corporation EM421M1644RTA-5FE Datasheet HTML 3Page - Eorex Corporation EM421M1644RTA-5FE Datasheet HTML 4Page - Eorex Corporation EM421M1644RTA-5FE Datasheet HTML 5Page - Eorex Corporation EM421M1644RTA-5FE Datasheet HTML 6Page - Eorex Corporation EM421M1644RTA-5FE Datasheet HTML 7Page - Eorex Corporation EM421M1644RTA-5FE Datasheet HTML 8Page - Eorex Corporation EM421M1644RTA-5FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
eorex
EM428M1644RTA
Apr. 2007
www.eorex.com
3/20
Pin Assignment
66pin TSOP-II / (400mil ×
×
×
× 875mil) / (0.65mm Pin pitch)


Similar Part No. - EM421M1644RTA-5FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM421M1612VTA ETC2-EM421M1612VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
EM421M1612VTB ETC2-EM421M1612VTB Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
EM421M1614VTA ETC2-EM421M1614VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
EM421M1614VTB ETC2-EM421M1614VTB Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
EM421M1622VTA ETC2-EM421M1622VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
More results

Similar Description - EM421M1644RTA-5FE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5DS32M4AT NANYA-NT5DS32M4AT Datasheet
3Mb / 76P
   128Mb Double Data Rate SDRAM
REV 1.0 05/2001
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com