Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM488M3244VBA-75FE Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM488M3244VBA-75FE
Description  128Mb (1M횞4Bank횞32) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M3244VBA-75FE Datasheet(HTML) 1 Page - Eorex Corporation

  EM488M3244VBA-75FE Datasheet HTML 1Page - Eorex Corporation EM488M3244VBA-75FE Datasheet HTML 2Page - Eorex Corporation EM488M3244VBA-75FE Datasheet HTML 3Page - Eorex Corporation EM488M3244VBA-75FE Datasheet HTML 4Page - Eorex Corporation EM488M3244VBA-75FE Datasheet HTML 5Page - Eorex Corporation EM488M3244VBA-75FE Datasheet HTML 6Page - Eorex Corporation EM488M3244VBA-75FE Datasheet HTML 7Page - Eorex Corporation EM488M3244VBA-75FE Datasheet HTML 8Page - Eorex Corporation EM488M3244VBA-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
eorex
EM484M3244VBA
Jul. 2006
www.eorex.com
128Mb (1M
×4Bank×32) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• Single 3.3V
±0.3V Power Supply
• LVTTL Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• All Inputs are Sampled at the Rising Edge of
the System Clock
• Auto Refresh and Self Refresh
• 4,096 Refresh Cycles / 64ms (15.625us)
Description
The EM484M3244VBA is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
1Meg words x 4 banks by 32 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 128Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 3.3V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVTTL.
Available packages: TFBGA-90B(13mmx8mm).
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM484M3244VBA-75F
4M X 32
133MHz @CL3
TFBGA -90B
Commercial
Free
* EOREX reserves the right to change products or specification without notice.
1/17


Similar Part No. - EM488M3244VBA-75FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM488M3244VBA-75FE ETC2-EM488M3244VBA-75FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
logo
Eorex Corporation
EM488M3244VBA-75FE EOREX-EM488M3244VBA-75FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results

Similar Description - EM488M3244VBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VTA EOREX-EM484M3244VTA Datasheet
678Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTC EOREX-EM484M3244VTC Datasheet
281Kb / 18P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
IS42S16800E-6TLI-TR ETC-IS42S16800E-6TLI-TR Datasheet
971Kb / 61P
   128Mb SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
IS42S32400F ISSI-IS42S32400F Datasheet
1Mb / 60P
   128Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M1644VTD EOREX-EM488M1644VTD Datasheet
1Mb / 18P
   128Mb (2Mx4Bankx16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
IS42VM81600E ISSI-IS42VM81600E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com