Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM488M3284LBA-75FE Datasheet(PDF) 10 Page - Eorex Corporation

Part # EM488M3284LBA-75FE
Description  512Mb (4M횞4Bank횞32) Synchronous DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M3284LBA-75FE Datasheet(HTML) 10 Page - Eorex Corporation

Back Button EM488M3284LBA-75FE Datasheet HTML 6Page - Eorex Corporation EM488M3284LBA-75FE Datasheet HTML 7Page - Eorex Corporation EM488M3284LBA-75FE Datasheet HTML 8Page - Eorex Corporation EM488M3284LBA-75FE Datasheet HTML 9Page - Eorex Corporation EM488M3284LBA-75FE Datasheet HTML 10Page - Eorex Corporation EM488M3284LBA-75FE Datasheet HTML 11Page - Eorex Corporation EM488M3284LBA-75FE Datasheet HTML 12Page - Eorex Corporation EM488M3284LBA-75FE Datasheet HTML 13Page - Eorex Corporation EM488M3284LBA-75FE Datasheet HTML 14Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
10/22
AC Operating Test Conditions
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
Item
Conditions
Output Reference Level
0.9V/0.9V
Output Load
See diagram as below
Input Signal Level
1.6V/0.2V
Transition Time of Input Signals
0.5ns
Input Reference Level
0.9V
AC Operating Test Characteristics
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
-6
-7.5
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
CL=3
6
7.5
tCK
Clock Cycle Time
CL=2
12
12
ns
CL=3
5.4
6
tAC
Access Time form CLK
CL=2
8
8
ns
tCH
CLK High Level Width
2.5
2.5
ns
tCL
CLK Low Level Width
2.5
2.5
ns
CL=3
2
2
tOH
Data-out Hold Time
CL=2
2
2
ns
CL=3
5.4
6
tHZ
Data-out High Impedance
Time
(Note 5)
CL=2
8
8
ns
tLZ
Data-out Low Impedance Time
0
0
ns
tIH
Input Hold Time
1
1
ns
tIS
Input Setup Time
1.5
1.5
ns
* All voltages referenced to VSS.
Note 5: tHZ defines the time at which the output achieve the open circuit condition and is not referenced to
output voltage levels.


Similar Part No. - EM488M3284LBA-75FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM488M3244LBA ETC2-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM488M3244LBA EOREX-EM488M3244LBA Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M3244LBA-75F ETC2-EM488M3244LBA-75F Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM488M3244LBA-75F EOREX-EM488M3244LBA-75F Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244LBA-75FE EOREX-EM488M3244LBA-75FE Datasheet
706Kb / 19P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM488M3284LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM3284LBA EOREX-EM48AM3284LBA_09 Datasheet
298Kb / 22P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA ETC2-EM48AM3284LBA Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBB EOREX-EM48AM3284LBB Datasheet
272Kb / 22P
   512Mb (4M횞4Bank횞32) Mobile Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160C ISSI-IS42S32160C Datasheet
1Mb / 60P
   16Mx32 512Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA Datasheet
672Kb / 19P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA_09 Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com