Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AS169A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54AS169A
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS169A Datasheet(HTML) 1 Page - Texas Instruments

  SN54AS169A Datasheet HTML 1Page - Texas Instruments SN54AS169A Datasheet HTML 2Page - Texas Instruments SN54AS169A Datasheet HTML 3Page - Texas Instruments SN54AS169A Datasheet HTML 4Page - Texas Instruments SN54AS169A Datasheet HTML 5Page - Texas Instruments SN54AS169A Datasheet HTML 6Page - Texas Instruments SN54AS169A Datasheet HTML 7Page - Texas Instruments SN54AS169A Datasheet HTML 8Page - Texas Instruments SN54AS169A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54ALS169B, SN54AS169A, SN74ALS169B, SN74AS169A
SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTERS
SDAS125B − MARCH 1984 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Fully Synchronous Operation for Counting
and Programming
Internal Carry Look-Ahead Circuitry for
Fast Counting
Carry Output for n-Bit Cascading
Fully Independent Clock Circuit
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These
synchronous
4-bit
up/down
binary
presettable counters feature an internal carry
look-ahead circuitry for cascading in high-speed
counting applications. Synchronous operation is
provided
by
having
all
flip-flops
clocked
simultaneously so that the outputs change
coincident with each other when so instructed by
the count-enable (ENP, ENT) inputs and internal
gating. This mode of operation eliminates the
output counting spikes normally associated with
asynchronous (ripple-clock) counters. A buffered
clock (CLK) input triggers the four flip-flops on the
rising (positive-going) edge of the clock waveform.
These counters are fully programmable; that is,
they may be preset to either level. The load-input
circuitry allows loading with the carry-enable
output of cascaded counters. Because loading is
synchronous, setting up a low level at the load
(LOAD) input disables the counter and causes the
outputs to agree with the data inputs after the next
clock pulse.
The internal carry look-ahead circuitry provides for cascading counters for n-bit synchronous application without
additional gating. ENP and ENT inputs and a ripple-carry output (RCO) are instrumental in accomplishing this
function. Both ENP and ENT must be low to count. The direction of the count is determined by the level of the
up/down (U/D) input. When U/D is high, the counter counts up; when low, it counts down. ENT is fed forward
to enable RCO. RCO, thus enabled, produces a low-level pulse while the count is zero (all inputs low) counting
down or maximum (15) counting up. This low-level overflow ripple-carry pulse can be used to enable successive
cascaded stages. Transitions at ENP or ENT are allowed regardless of the level of the clock input. All inputs
are diode clamped to minimize transmission-line effects, thereby simplifying system design.
These counters feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, LOAD, or U/D)
that modify the operating mode have no effect on the contents of the counter until clocking occurs. The function
of the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the
stable setup and hold times.
The SN54ALS169B and SN54AS169A are characterized for operation over the full military temperature range
of −55
°C to 125°C. The SN74ALS169B and SN74AS169A are characterized for operation from 0°C to 70°C.
SN54ALS169B, SN54AS169A...J PACKAGE
SN74ALS169B, SN74AS169A...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
QA
QB
NC
QC
QD
A
B
NC
C
D
SN54ALS169B, SN54AS169A...FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
U/D
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54AS169A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS169A TI-SN54AS169A Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54AS169A TI-SN54AS169A Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54AS169A TI1-SN54AS169A Datasheet
858Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54AS169AFK TI-SN54AS169AFK Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54AS169AJ TI-SN54AS169AJ Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results

Similar Description - SN54AS169A

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com