Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM42BM1644RTA-75FE Datasheet(PDF) 9 Page - Eorex Corporation

Part # EM42BM1644RTA-75FE
Description  128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42BM1644RTA-75FE Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EM42BM1644RTA-75FE Datasheet HTML 5Page - Eorex Corporation EM42BM1644RTA-75FE Datasheet HTML 6Page - Eorex Corporation EM42BM1644RTA-75FE Datasheet HTML 7Page - Eorex Corporation EM42BM1644RTA-75FE Datasheet HTML 8Page - Eorex Corporation EM42BM1644RTA-75FE Datasheet HTML 9Page - Eorex Corporation EM42BM1644RTA-75FE Datasheet HTML 10Page - Eorex Corporation EM42BM1644RTA-75FE Datasheet HTML 11Page - Eorex Corporation EM42BM1644RTA-75FE Datasheet HTML 12Page - Eorex Corporation EM42BM1644RTA-75FE Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
eorex
EM428M1644RTA
Apr. 2007
www.eorex.com
9/20
AC Operating Test Characteristics (Continued)
(VDD=2.5V±0.2V, TA=0°C ~70°C)
-5
-6
-75
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRPST
Read Postamble
0.4
0.6
0.4
0.6
0.4
0.6
tCK
tRAS
Active to Precharge command
period
40
70k
42
70k
45
70k
ns
tRC
Active to Active command period
55
60
65
ns
tRFC
Auto Refresh Row Cycle Time
70
72
75
ns
tRCD
Active to Read or Write delay
15
18
20
ns
tRP
Precharge command period
15
18
20
ns
tRRD
Active bank A to B command period
10
12
15
ns
tCCD
Column address to column address
delay
1
1
1
tCK
tCDLR
Last data in to Read command
2.5 tCK- tDQSS
2.5 tCK- tDQSS
2.5 tCK- tDQSS
tCK
tCDLW
Last data in to Write command
0
0
0
tCK
tDPL
Last data in to Precharge command
2
2
2
tCK
tXSNR
Exit self Refresh to non-read
command
75
75
75
ns
tXSRD
Exit self Refresh to read command
200
200
200
ns
tREFI
Average periodic refresh interval
15.6
15.6
15.6
us


Similar Part No. - EM42BM1644RTA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42BM1684LBA EOREX-EM42BM1684LBA Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA-75F EOREX-EM42BM1684LBA-75F Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA-75FE EOREX-EM42BM1684LBA-75FE Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA-75FE EOREX-EM42BM1684LBA-75FE Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA-7FE EOREX-EM42BM1684LBA-7FE Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM42BM1644RTA-75FE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5DS32M4AT NANYA-NT5DS32M4AT Datasheet
3Mb / 76P
   128Mb Double Data Rate SDRAM
REV 1.0 05/2001
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com