Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6156K1600VSA-45F Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM6156K1600VSA-45F
Description  256Kx16 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6156K1600VSA-45F Datasheet(HTML) 3 Page - Eorex Corporation

  EM6156K1600VSA-45F Datasheet HTML 1Page - Eorex Corporation EM6156K1600VSA-45F Datasheet HTML 2Page - Eorex Corporation EM6156K1600VSA-45F Datasheet HTML 3Page - Eorex Corporation EM6156K1600VSA-45F Datasheet HTML 4Page - Eorex Corporation EM6156K1600VSA-45F Datasheet HTML 5Page - Eorex Corporation EM6156K1600VSA-45F Datasheet HTML 6Page - Eorex Corporation EM6156K1600VSA-45F Datasheet HTML 7Page - Eorex Corporation EM6156K1600VSA-45F Datasheet HTML 8Page - Eorex Corporation EM6156K1600VSA-45F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
256Kx16 LP SRAM EM6156K600V Series
3
DCC-SR-041003-A
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to Vss
VTERM
-0.5 to 4.6
V
0 to 70(C grade)
-20 to 80(E grade)
Operating Temperature
TA
-40 to 85(I grade)
°C
Storage Temperature
TSTG
-65 to 150
°C
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
TSOLDER
260
°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device
reliability.
TRUTH TABLE
I/O OPERATION
MODE
CE#
OE#
WE#
LB#
UB#
DQ0-DQ7
DQ8-DQ15
SUPPLY CURRENT
H
X
X
X
X
High-Z
High-Z
Standby
X
X
X
H
H
High-Z
High-Z
ISB,ISB1
L
H
H
L
X
High-Z
High-Z
Output
Disable
L
H
H
X
L
High-Z
High-Z
ICC,ICC1
L
L
H
L
H
DOUT
High-Z
L
L
H
H
L
High-Z
DOUT
Read
L
L
H
L
L
DOUT
DOUT
ICC,ICC1
L
X
L
L
H
DIN
High-Z
L
X
L
H
L
High-Z
DIN
Write
L
X
L
L
L
DIN
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL TEST CONDITION
MIN.
TYP. *5
MAX.
UNIT
Supply Voltage
Vcc
2.7
3.0
3.6
V
Input High Voltage
VIH*1
2.0
-
Vcc+
0.3
V
Input Low Voltage
VIL*2
-0.2
-
0.6
V
Input Leakage
Current
ILI
Vcc ≧ VIN ≧ Vss
-1
-
+1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
-1
-
1
µA
Output High
Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low
Voltage
VOL
IOL = 2mA
-
-
0.4
V
-45
-
40
50
mA
-55
-
30
40
mA
ICC
Cycle time = Min.
CE# = VIL , II/O = 0mA
-70
-
20
30
mA
Average Operating
Power supply
Current
ICC1
Cycle time = 1µs
CE#0.2V and II/O = 0mA
other pins at 0.2V or VCC-0.2V
-
4
5
mA
Standby Power
ISB
CE# = VIH
-
0.3
0.5
mA


Similar Part No. - EM6156K1600VSA-45F

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
EM6156LXES8B-4.4 EMMICRO-EM6156LXES8B-4.4 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
More results

Similar Description - EM6156K1600VSA-45F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com