Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM48BM1644LBA-8FE Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM48BM1644LBA-8FE
Description  512Mb (8M횞4Bank횞16) Synchronous DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48BM1644LBA-8FE Datasheet(HTML) 3 Page - Eorex Corporation

  EM48BM1644LBA-8FE Datasheet HTML 1Page - Eorex Corporation EM48BM1644LBA-8FE Datasheet HTML 2Page - Eorex Corporation EM48BM1644LBA-8FE Datasheet HTML 3Page - Eorex Corporation EM48BM1644LBA-8FE Datasheet HTML 4Page - Eorex Corporation EM48BM1644LBA-8FE Datasheet HTML 5Page - Eorex Corporation EM48BM1644LBA-8FE Datasheet HTML 6Page - Eorex Corporation EM48BM1644LBA-8FE Datasheet HTML 7Page - Eorex Corporation EM48BM1644LBA-8FE Datasheet HTML 8Page - Eorex Corporation EM48BM1644LBA-8FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
eorex
EM48BM1684LBA
Jul. 2006
www.eorex.com
Pin Description (Simplified)
Pin
Name
Function
F2
CLK
(System Clock)
Master clock input (Active on the positive rising edge)
G9
/CS
(Chip Select)
Selects chip when active
F3
CKE
(Clock Enable)
Activates the CLK when “H” and deactivates when “L”.
CKE should be enabled at least one cycle prior to new
command. Disable input buffers for power down in standby.
H7,H8,J8,J7,J3,
J2,H3,H2,H1,G3,
H9,G2,G1
A0~A12
(Address)
Row address (A0 to A12) is determined by A0 to A12 level at
the bank active command cycle CLK rising edge.
CA (CA0 to CA9) is determined by A0 to A9 level at the read or
write command cycle CLK rising edge.
And this column address becomes burst access start address.
A10 defines the pre-charge mode. When A10= High at the
pre-charge command cycle, all banks are pre-charged.
But when A10= Low at the pre-charge command cycle, only the
bank that is selected by BA0/BA1 is pre-charged.
G7,G8
BA0, BA1
(Bank Address)
Selects which bank is to be active.
F8
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK
with /RAS “L”. Enables row access & pre-charge.
F7
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
F9
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
F1/E8
UDQM/LDQM
(Data Input/Output Mask)
DQM controls I/O buffers.
A8,B9,B8,C9,C8,
D9,D8,E9,E1,D2,
D1,C2,C1,B2,B1,
A2
DQ0~DQ15
(Data Input/Output)
DQ pins have the same function as I/O pins on a conventional
DRAM.
A9,E7,J9/
A1,E3,J1
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
A7,B3,C7,D3/
A3,B7,C3,D7
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
E2
NC
(No Connection)
This pin is recommended to be left No Connection on the
device.
3/19


Similar Part No. - EM48BM1644LBA-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48BM1644LBA-10FE EOREX-EM48BM1644LBA-10FE Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48BM1644LBA-75FE EOREX-EM48BM1644LBA-75FE Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM48BM1644LBA-7FE EOREX-EM48BM1644LBA-7FE Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48BM1644LBA-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA_09 Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48AM3284LBA EOREX-EM48AM3284LBA Datasheet
736Kb / 20P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160C ISSI-IS42S32160C Datasheet
1Mb / 60P
   16Mx32 512Mb SYNCHRONOUS DRAM
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBA EOREX-EM48AM3284LBA_09 Datasheet
298Kb / 22P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA ETC2-EM48AM3284LBA Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBB EOREX-EM48AM3284LBB Datasheet
272Kb / 22P
   512Mb (4M횞4Bank횞32) Mobile Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com