Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6156K1600WSA-45F Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM6156K1600WSA-45F
Description  256Kx16 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6156K1600WSA-45F Datasheet(HTML) 1 Page - Eorex Corporation

  EM6156K1600WSA-45F Datasheet HTML 1Page - Eorex Corporation EM6156K1600WSA-45F Datasheet HTML 2Page - Eorex Corporation EM6156K1600WSA-45F Datasheet HTML 3Page - Eorex Corporation EM6156K1600WSA-45F Datasheet HTML 4Page - Eorex Corporation EM6156K1600WSA-45F Datasheet HTML 5Page - Eorex Corporation EM6156K1600WSA-45F Datasheet HTML 6Page - Eorex Corporation EM6156K1600WSA-45F Datasheet HTML 7Page - Eorex Corporation EM6156K1600WSA-45F Datasheet HTML 8Page - Eorex Corporation EM6156K1600WSA-45F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
256Kx16 LP SRAM EM6156K600V Series
1
DCC-SR-041003-A
GENERAL DESCRIPTION
The EM6156K600V is a 4,194,304-bit low power CMOS static random access memory organized as
262,144 words by 16 bits. It is fabricated using very high performance, high reliability CMOS
technology. Its standby current is stable within the range of operating temperature.
The EM6156K600V is well designed for low power application, and particularly well suited for battery
back-up nonvolatile memory application.
The EM6156K600V operates from a single power supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
FEATURES
Fast access time: 45/55/70ns
Low power consumption:
Operating current:
40/30/20mA (TYP.)
Standby current: -L/-LL version
20/2µA (TYP.)
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control :
LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage: 1.5V (MIN.)
Package:
44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A17
Address Inputs
DQ0 – DQ17
Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#
Lower Byte Control
UB#
Upper Byte Control
Vcc
Power Supply
Vss
Ground
I/O DATA
CURCUIT
COLUMN I/O
CONTROL
CIRCUIT
Vcc
Vss
A0-A17
DQ0-DQ7
Lower Byte
DQ8-DQ15
Upper Byte
CE#
WE#
OE#
LB#
UB#
DECODER
256Kx16
MEMORY
ARRAY


Similar Part No. - EM6156K1600WSA-45F

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
EM6156LXES8B-4.4 EMMICRO-EM6156LXES8B-4.4 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
More results

Similar Description - EM6156K1600WSA-45F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com