Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM424M1644RTA-75FE Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM424M1644RTA-75FE
Description  128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM424M1644RTA-75FE Datasheet(HTML) 4 Page - Eorex Corporation

  EM424M1644RTA-75FE Datasheet HTML 1Page - Eorex Corporation EM424M1644RTA-75FE Datasheet HTML 2Page - Eorex Corporation EM424M1644RTA-75FE Datasheet HTML 3Page - Eorex Corporation EM424M1644RTA-75FE Datasheet HTML 4Page - Eorex Corporation EM424M1644RTA-75FE Datasheet HTML 5Page - Eorex Corporation EM424M1644RTA-75FE Datasheet HTML 6Page - Eorex Corporation EM424M1644RTA-75FE Datasheet HTML 7Page - Eorex Corporation EM424M1644RTA-75FE Datasheet HTML 8Page - Eorex Corporation EM424M1644RTA-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
eorex
EM428M1644RTA
Apr. 2007
www.eorex.com
4/20
Pin Description (Simplified)
Pin
Name
Function
45,46
CLK,/CLK
(System Clock)
Clock input active on the Positive rising edge except for DQ and
DM are active on both edge of the DQS.
CLK and /CLK are differential clock inputs.
24
/CS
(Chip Select)
/CS enables the command decoder when ”L” and disable the
command decoder when “H”.The new command are over-
Looked when the command decoder is disabled but previous
operation will still continue.
44
CKE
(Clock Enable)
Activates the CLK when “H” and deactivates when “L”.
When deactivate the clock,CKE low signifies the power down or
self refresh mode.
28~32,35~41
A0~A11
(Address)
Row address (A0 to A11) and Calumn address (CA0 to CA8) are
multiplexed on the same pin.
CA10 defines auto precharge at Calumn address.
26, 27
BA0, BA1
(Bank Address)
Selects which bank is to be active.
23
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK with
/RAS “L”. Enables row access & pre-charge.
22
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the CLK
with /CAS low. Enables column access.
21
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the CLK
with /CAS low. Enables column access.
16/51
LDQS/UDQS
(Data Input/Output)
Data Inputs and Outputs are synchronized with both edge of DQS.
20/47
LDM/UDM
(Data Input/Output Mask)
DM controls data inputs.LDM corresponds to the data on
DQ0~DQ7.UDM corresponds to the data on DQ8~DQ15.
2, 4, 5, 7, 8, 10,
11, 13, 54, 56, 57,
59, 60, 62, 63, 65
DQ0~DQ15
(Data Input/Output)
Data inputs and outputs are multiplexed on the same pin.
1,18,33/
34,48,66
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
3, 9, 15, 55.61/
6, 12, 52, 58,64
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
14,17,19,25,42,
43,50,53
NC/RFU
(No Connection/Reserved for Future Use)
This pin is recommended to be left No Connection on the device.
49
VREF
(Input)
SSTL-2 Reference voltage for input buffer.


Similar Part No. - EM424M1644RTA-75FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM424M1612VTA ETC2-EM424M1612VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
EM424M1612VTB ETC2-EM424M1612VTB Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
EM424M1614VTA ETC2-EM424M1614VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
EM424M1614VTB ETC2-EM424M1614VTB Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
EM424M1622VTA ETC2-EM424M1622VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
More results

Similar Description - EM424M1644RTA-75FE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5DS32M4AT NANYA-NT5DS32M4AT Datasheet
3Mb / 76P
   128Mb Double Data Rate SDRAM
REV 1.0 05/2001
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com