Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-F06-PD-SLCH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C-13-F06-PD-SLCH
Description  1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C-13-F06-PD-SLCH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C-13-F06-PD-SLCH Datasheet HTML 1Page - List of Unclassifed Manufacturers C-13-F06-PD-SLCH Datasheet HTML 2Page - List of Unclassifed Manufacturers C-13-F06-PD-SLCH Datasheet HTML 3Page - List of Unclassifed Manufacturers C-13-F06-PD-SLCH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V),
Bi-directional Diplexer Optical Module
C-13/14-FXX-PX-SXXX/XXX-XX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1545-FEB0906
rev. A.0
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Test Condition
Laser Diode
Optical Output Power
L
M
H
Pf
0.2
0.5
1
0.35
0.75
1.6
0.5
1
-
mW
CW, Ith+20mA , kink free
Peak Wavelength
λ
1290
1310
1330
nm
CW, Pf=Pf(Min)
Spectrum Width (RMS)
∆λ
-
-
3
nm
CW, Pf=Pf(Min)
Threshold Current
Ith
-
10
15
mA
CW
Forward Voltage
VF
-
1.2
1.5
V
CW, Pf=Pf(Min)
Rise/Fall Time
tr/ tf
-
-
0.3
ns
Ibias=Ith ,10% to 90%
Monitor Diode
Monitor Current
Im
100
-
-
µA
CW, Pf=Pf(Min),VRPD=2V
Dark Current
IDARK
-
-
0.1
µA
VRPD=5V
Capacitance
Ct
-
6
15
pF
VRPD=5V, f=1MHz
Module
Tracking Error
∆Pf/Pf
-1.5
-
1.5
dB
APC, -40 to +85ºC
Optical Crosstalk
CRT
< -45
dB
Optical and Electrical Characteristics( Tc=25ºC)
Features
• Single fiber bi-directional operation
• Laser diode with multi-quantum-well structure
• Low threshold current
• InGaAs/InP PIN Photodiode with trans-impedance amplifier
• High sensitivity with AGC*
• Differential ended output
• Single +3.3V Power Supply
• Integrated WDM coupler
• Un-cooled operation from -40ºC to +85ºC
• Hermetically sealed active component
• Single mode fiber pigtailed with optical FC/ST/SC/MU/LC connector
• Design for fiber optic networks
• RoHS Compliant available
Parameter
Symbol
Value
Unit
Fiber Output Power
L / M / H
P
f
1(L) / 1.5(M) / 2.5(H)
mW
LD Reverse Voltage
V
RLD
2
V
PIN-TIA Voltage
V
CC
4.5
V
Operating Temperature
T
opr
-40 to +85
ºC
Storage Temperature
T
stg
-40 to +85
ºC
Absolute Maximum Rating (Tc=25ºC)
(All optical data refer to a coupled 9/125µm SM fiber)
Note:
1.Pin assignment can be customized.
2.Specifications subject to change without notice.


Similar Part No. - C-13-F06-PD-SLCH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-13-F04P-NLCH ETC2-C-13-F04P-NLCH Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-F04P-NLCH-G5 ETC2-C-13-F04P-NLCH-G5 Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-F04P-NLCH-GR ETC2-C-13-F04P-NLCH-GR Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
More results

Similar Description - C-13-F06-PD-SLCH

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-14-F02-P-SFCL SOURCE-C-13-14-F02-P-SFCL Datasheet
729Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-14-F06-BD-SSCL SOURCE-C-13-14-F06-BD-SSCL Datasheet
545Kb / 4P
   1310nm Emitting , 1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-14-13-D06-BD-SSCL SOURCE-C-14-13-D06-BD-SSCL Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F04-P-NLCH SOURCE-C-13-15-F04-P-NLCH Datasheet
512Kb / 4P
   1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F02-BD-NLCM SOURCE-C-13-15-F02-BD-NLCM Datasheet
825Kb / 4P
   1310nm Emitting ,1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F02-BD-NLCM SOURCE-C-15-13-F02-BD-NLCM Datasheet
824Kb / 4P
   1550nm Emitting ,1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F04-P-NLCH SOURCE-C-15-13-F04-P-NLCH Datasheet
512Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
List of Unclassifed Man...
C-15-F04 ETC2-C-15-F04 Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Source Photonics, Inc.
C-13-15-D02-B-SSCL SOURCE-C-13-15-D02-B-SSCL Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-15-13-D02-B-SSCL SOURCE-C-15-13-D02-B-SSCL Datasheet
797Kb / 4P
   1550nm Emitting(DFB),1310nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com