Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6132K800TSA-70F Datasheet(PDF) 3 Page - Eorex Corporation

Part # EM6132K800TSA-70F
Description  32Kx8 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6132K800TSA-70F Datasheet(HTML) 3 Page - Eorex Corporation

  EM6132K800TSA-70F Datasheet HTML 1Page - Eorex Corporation EM6132K800TSA-70F Datasheet HTML 2Page - Eorex Corporation EM6132K800TSA-70F Datasheet HTML 3Page - Eorex Corporation EM6132K800TSA-70F Datasheet HTML 4Page - Eorex Corporation EM6132K800TSA-70F Datasheet HTML 5Page - Eorex Corporation EM6132K800TSA-70F Datasheet HTML 6Page - Eorex Corporation EM6132K800TSA-70F Datasheet HTML 7Page - Eorex Corporation EM6132K800TSA-70F Datasheet HTML 8Page - Eorex Corporation EM6132K800TSA-70F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
32Kx8 LP SRAM EM6132K800W Series
3
DCC-SR-041001-A
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to Vss
VTERM
-0.5 to 7.0
V
0 to 70(C grade)
-20 to 80(E grade)
Operating Temperature
TA
-40 to 85(I grade)
°C
Storage Temperature
TSTG
-65 to 150
°C
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
TSOLDER
260
°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device
reliability.
TRUTH TABLE
MODE
CE#
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
High-Z
ISB,ISB1
Output Disable
L
H
H
High-Z
ICC,ICC1
Read
L
L
H
DOUT
ICC,ICC1
Write
L
X
L
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
I. Vcc=3.3V
PARAMETER
SYMBOL TEST CONDITION
MIN.
TYP. *5
MAX.
UNIT
Supply Voltage
Vcc
2.7
3.3
3.6
V
Input High Voltage
VIH*1
2.0
-
Vcc+
0.5
V
Input Low Voltage
VIL*2
-0.5
-
0.6
V
Input Leakage
Current
ILI
Vcc ≧ VIN ≧ Vss
-1
-
+1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
-1
-
1
µA
Output High
Voltage
VOH
IOH = -1mA
2.4
3.0
-
V
Output Low
Voltage
VOL
IOL = 2mA
-
-
0.4
V
-35
-
20
40
mA
-55
-
15
30
mA
ICC
Cycle time = Min.
CE# = VIL , II/O = 0mA
-70
-
10
20
mA
Average Operating
Power supply
Current
ICC1
Cycle time = 1µs
CE#0.2V and II/O = 0mA
other pins at 0.2V or VCC-0.2V
-
3
6
mA
ISB
CE# = VIH
-
1
3
mA
-L
-
1
40
µA
Standby Power
Supply Current
ISB1
CE# V ≧ VCC - 0.2V
-LL
0.5
20*4
µA


Similar Part No. - EM6132K800TSA-70F

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM61300 EMC-EM61300 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
Emerging Memory & Logic...
EM613FP16AS-70LF EMLSI-EM613FP16AS-70LF Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-70LL EMLSI-EM613FP16AS-70LL Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-85LF EMLSI-EM613FP16AS-85LF Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-85LL EMLSI-EM613FP16AS-85LL Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6132K800TSA-70F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011 TI-BQ4011 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
Simtek Corporation
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK15C88 SIMTEK-STK15C88 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com