Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6132K800VPA-70F Datasheet(PDF) 11 Page - Eorex Corporation

Part # EM6132K800VPA-70F
Description  32Kx8 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6132K800VPA-70F Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EM6132K800VPA-70F Datasheet HTML 4Page - Eorex Corporation EM6132K800VPA-70F Datasheet HTML 5Page - Eorex Corporation EM6132K800VPA-70F Datasheet HTML 6Page - Eorex Corporation EM6132K800VPA-70F Datasheet HTML 7Page - Eorex Corporation EM6132K800VPA-70F Datasheet HTML 8Page - Eorex Corporation EM6132K800VPA-70F Datasheet HTML 9Page - Eorex Corporation EM6132K800VPA-70F Datasheet HTML 10Page - Eorex Corporation EM6132K800VPA-70F Datasheet HTML 11Page - Eorex Corporation EM6132K800VPA-70F Datasheet HTML 12Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
32Kx8 LP SRAM EM6132K800W Series
11
DCC-SR-041001-A
Product Number Information
* Product number example
SRAM
Family
61: Standard
EM
61
32K
8
0
0
W
S
A – 35
IF*
Option
Option
Voltage:
V: 3V
W: 2.7V
~5.5V
T: 5V
Package:
S: sTSOP
P: PDIP
F: SOP
Version
Speed:
35ns
55ns
70ns
Configuration:
8: x8
16: x16
Address Density
EOREX
Manufactured
Memory
TEMP:
Blank: Normal
I: Industrial
Pb-Free PKG:
Blank: Normal
F: Pb-free


Similar Part No. - EM6132K800VPA-70F

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM61300 EMC-EM61300 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
Emerging Memory & Logic...
EM613FP16AS-70LF EMLSI-EM613FP16AS-70LF Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-70LL EMLSI-EM613FP16AS-70LL Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-85LF EMLSI-EM613FP16AS-85LF Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM613FP16AS-85LL EMLSI-EM613FP16AS-85LL Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6132K800VPA-70F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011 TI-BQ4011 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
Simtek Corporation
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK15C88 SIMTEK-STK15C88 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com