Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT16210C Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16210C
Description  20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16210C Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBT16210C Datasheet HTML 1Page - Texas Instruments SN74CBT16210C Datasheet HTML 2Page - Texas Instruments SN74CBT16210C Datasheet HTML 3Page - Texas Instruments SN74CBT16210C Datasheet HTML 4Page - Texas Instruments SN74CBT16210C Datasheet HTML 5Page - Texas Instruments SN74CBT16210C Datasheet HTML 6Page - Texas Instruments SN74CBT16210C Datasheet HTML 7Page - Texas Instruments SN74CBT16210C Datasheet HTML 8Page - Texas Instruments SN74CBT16210C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74CBT16210C
20BIT FET BUS SWITCH
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS115C − JANUARY 2003 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
undershoot characteristics (see Figures 1 and 2)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOUTU
VCC = 5.5 V,
Switch OFF,
VIN = VCC or GND
2
VOH−0.3
V
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
Figure 1. Device Test Setup
50
VS
VCC
11 V
100 k
100 k
10 pF
DUT
Input
Generator
Ax
Bx
Figure 2. Transient Input Voltage (VI) and Output
Voltage (VOUTU) Waveforms
(Switch OFF)
−2 V
5.5 V
10 %
20 ns
10 %
90 %
90 %
2 ns
2 ns
VOH − 0.3
VOH
Output
(VOUTU)
Input
(Open
Socket)


Similar Part No. - SN74CBT16210C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210CDGG TI-SN74CBT16210CDGG Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210CDGGR TI-SN74CBT16210CDGGR Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210CDGVR TI-SN74CBT16210CDGVR Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210CDL TI-SN74CBT16210CDL Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results

Similar Description - SN74CBT16210C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_07 Datasheet
339Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3345C TI-SN74CBT3345C Datasheet
618Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16245C TI1-SN74CBT16245C Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com