Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM482M1684VTC-8FE Datasheet(PDF) 9 Page - Eorex Corporation

Part # EM482M1684VTC-8FE
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM482M1684VTC-8FE Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EM482M1684VTC-8FE Datasheet HTML 5Page - Eorex Corporation EM482M1684VTC-8FE Datasheet HTML 6Page - Eorex Corporation EM482M1684VTC-8FE Datasheet HTML 7Page - Eorex Corporation EM482M1684VTC-8FE Datasheet HTML 8Page - Eorex Corporation EM482M1684VTC-8FE Datasheet HTML 9Page - Eorex Corporation EM482M1684VTC-8FE Datasheet HTML 10Page - Eorex Corporation EM482M1684VTC-8FE Datasheet HTML 11Page - Eorex Corporation EM482M1684VTC-8FE Datasheet HTML 12Page - Eorex Corporation EM482M1684VTC-8FE Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
eorex
EM48AM1684VTC
Jan. 2009
www.eorex.com
AC Operating Test Characteristics (Continued)
(VDD=3.3V±0.3V, TA=0°C ~70°C for extended grade)
-7
-7.5
Symbol
Parameter
Min.
Max..
Min.
Max.
Units
tRC
ACTIVE to ACTIVE Command
Period
(Note 6)
62
67
ns
tRAS
ACTIVE to PRECHARGE
Command Period
(Note 6)
42
100K
45
100K
ns
tRP
PRECHARGE to ACTIVE
Command Period
(Note 6)
20
20
ns
tRCD
ACTIVE to READ/WRITE Delay
Time
(Note 6)
20
20
ns
tRRD
ACTIVE(one) to ACTIVE(another)
Command
(Note 6)
14
15
ns
tCCD
READ/WRITE Command to
READ/WRITE Command
1
1
CLK
tDPL
Date-in to PRECHARGE
Command
2
2
CLK
tBDL
Date-in to BURST Stop Command
1
1
CLK
CL=3
3
3
tROH
Data-out
to High
Impedance from
PRECHARGE Command
CL=2
2
2
CLK
tREF
Refresh Time (8,192 cycle)
64
64
ms
* All voltages referenced to VSS.
Note 6: These parameters account for the number of clock cycles and depend on the operating frequency
of the clock, as follows:
The number of clock cycles = Specified value of timing/clock period (Count Fractions as a whole
number)
Recommended Power On and Initialization
The following power on and initialization sequence guarantees the device is preconditioned to each user’s
specific needs. (Like a conventional DRAM) During power on, all VDD and VDDQ pins must be built up
simultaneously to the specified voltage when the input signals are held in the “NOP” state. The power on
voltage must not exceed VDD+0.3V on any of the input pins or VDD supplies. (CLK signal started at same
time)
After power on, an initial pause of 200 µs is required followed by a precharge of all banks using the
precharge command.
To prevent data contention on the DQ bus during power on, it is required that the DQM and CKE pins be
held high during the initial pause period. Once all banks have been precharged, the Mode Register Set
Command must be issued to initialize the Mode Register. A minimum of eight Auto Refresh cycles (CBR)
are also required, and these may be done before or after programming the Mode Register.
9/18


Similar Part No. - EM482M1684VTC-8FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM482M1684VTC-8FE ETC2-EM482M1684VTC-8FE Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM482M1684VTC-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTG EOREX-EM48AM1684VTG Datasheet
480Kb / 20P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBD EOREX-EM48AM1684VBD Datasheet
677Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA_09 Datasheet
660Kb / 18P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1644LBB EOREX-EM48AM1644LBB Datasheet
701Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTC ETC2-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VBA EOREX-EM48AM1684VBA Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com