Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC176QD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC176QD
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC176QD Datasheet(HTML) 2 Page - Texas Instruments

  SN65LBC176QD Datasheet HTML 1Page - Texas Instruments SN65LBC176QD Datasheet HTML 2Page - Texas Instruments SN65LBC176QD Datasheet HTML 3Page - Texas Instruments SN65LBC176QD Datasheet HTML 4Page - Texas Instruments SN65LBC176QD Datasheet HTML 5Page - Texas Instruments SN65LBC176QD Datasheet HTML 6Page - Texas Instruments SN65LBC176QD Datasheet HTML 7Page - Texas Instruments SN65LBC176QD Datasheet HTML 8Page - Texas Instruments SN65LBC176QD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN55LBC176, SN65LBC176, SN65LBC176Q, SN75LBC176
DIFFERENTIAL BUS TRANSCEIVERS
SLLS067G − AUGUST 1990 − REVISED APRIL 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The SN55LBC176, SN65LBC176, SN65LBC176Q, and SN75LBC176 combine a 3-state, differential line driver
and a differential input line receiver, both of which operate from a single 5-V power supply. The driver and
receiver have active-high and active-low enables, respectively, which can externally connect together to
function as a direction control. The driver differential outputs and the receiver differential inputs connect
internally to form a differential input /output (I/O) bus port that is designed to offer minimum loading to the bus
whenever the driver is disabled or VCC = 0. This port features wide positive and negative common-mode voltage
ranges, making the device suitable for party-line applications. Very low device supply current can be achieved
by disabling the driver and the receiver.
These transceivers are suitable for ANSI Standard TIA/EIA−485 (RS-485) and ISO 8482 applications to the
extent that they are specified in the operating conditions and characteristics section of this data sheet. Certain
limits contained in TIA/EIA−485−A and ISO 8482:1987 (E) are not met or cannot be tested over the entire military
temperature range.
The SN55LBC176 is characterized for operation from −55
°C to 125°C. The SN65LBC176 is characterized for
operation from −40
°C to 85°C, and the SN65LBC176Q is characterized for operation from −40°C to 125°C.
The SN75LBC176 is characterized for operation from 0
°C to 70°C.
logic symbol
logic diagram (positive logic)
2
EN1
B
A
1
4
2
R
D
RE
7
6
D
RE
R
7
6
4
1
2
B
A
Bus
3
EN2
1
1
DE
3
DE
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
AVAILABLE OPTIONS
TA
PACKAGE
PART NUMBER
PART MARKING
0
°C to 70°C
SOP
SN75LBC176D
7LB176
0
°C to 70°C
PDIP
SN75LBC176P
75LBC176
−40
°C to 85°C
SOP
SN65LBC176D
6LB176
−40
°C to 85°C
PDIP
SN65LBC176P
65LBC176
−40
°C to 110°C
SOP
SN65LBC176QD
LB176Q
−40
°C to 110°C
SOP
SN65LBC176QDR
LB176Q
−55
°C to 125°C
LCCC
SNJ55LBC176FK
SNJ55LBC176FK
−55
°C to 125°C
CDIP
SNJ55LBC176JG
SNJ55LBC176


Similar Part No. - SN65LBC176QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC176QD TI-SN65LBC176QD Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176QD TI-SN65LBC176QD Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176QD TI1-SN65LBC176QD Datasheet
1,007Kb / 26P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176QDG4 TI1-SN65LBC176QDG4 Datasheet
1,007Kb / 26P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176QDR TI-SN65LBC176QDR Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN65LBC176QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com