Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM428M3284LBA-75FE Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM428M3284LBA-75FE
Description  512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM428M3284LBA-75FE Datasheet(HTML) 5 Page - Eorex Corporation

  EM428M3284LBA-75FE Datasheet HTML 1Page - Eorex Corporation EM428M3284LBA-75FE Datasheet HTML 2Page - Eorex Corporation EM428M3284LBA-75FE Datasheet HTML 3Page - Eorex Corporation EM428M3284LBA-75FE Datasheet HTML 4Page - Eorex Corporation EM428M3284LBA-75FE Datasheet HTML 5Page - Eorex Corporation EM428M3284LBA-75FE Datasheet HTML 6Page - Eorex Corporation EM428M3284LBA-75FE Datasheet HTML 7Page - Eorex Corporation EM428M3284LBA-75FE Datasheet HTML 8Page - Eorex Corporation EM428M3284LBA-75FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
eorex
EM42AM3284LBA
Jul. 2006
www.eorex.com
Recommended DC Operating Conditions
(VDD=1.8V±0.1V, TA=0°C ~ 70°C)
Max.
Symbol
Parameter
Test Conditions
-75
Units
IDD1
Operating Current
(Note 1)
Burst length=2,
tRC≥tRC(min.), IOL=0mA,
One bank active
80
mA
IDD2P
Precharge Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=min
1
mA
IDD2N
Precharge Standby Current in
Non-power Down Mode
CKE
≥V
IL(min.), tCK=min,
/CS
≥V
IH(min.)
Input signals are changed one time
during 2 clks
4
mA
IDD3P
Active Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=min
3
mA
IDD3N
Active Standby Current in
Non-power Down Mode
CKE
≥V
IH(min.), tCK=min,
/CS
≥V
IH(min.)
Input signals are changed one time
during 2 clks
10
mA
IDD4
Operating Current (Burst
Mode)
(Note 2)
tCK ≥ tCK(min.), IOL=0mA,
All banks active
120
mA
IDD5
Refresh Current
(Note 3)
tRC≥ tRFC (min.), All banks active
90
mA
IDD6
Self Refresh Current
CKE
≤0.2V
0.8
mA
*All voltages referenced to VSS.
Note 1: IDD1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: IDD4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Min. of tRFC (Auto refresh Row Cycle Times) is shown at AC Characteristics.
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IIL
Input Leakage Current
0
≤V
I≤VDDQ, VDDQ=VDD
All other pins not under
test=0V
-2
+2
uA
IOL
Output Leakage Current
0
≤V
O≤VDDQ, DOUT is disabled
-1.5
+1.5
uA
VOH
High Level Output Voltage
IO=-0.1mA
0.9*VDDQ
V
VOL
Low Level Output Voltage
IO=+0.1mA
0.1*VDDQ
V
5/20


Similar Part No. - EM428M3284LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM428M1644RTA EOREX-EM428M1644RTA Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM428M1644RTA-5F EOREX-EM428M1644RTA-5F Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM428M1644RTA-5FE EOREX-EM428M1644RTA-5FE Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM428M1644RTA-6F EOREX-EM428M1644RTA-6F Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
EM428M1644RTA-6FE EOREX-EM428M1644RTA-6FE Datasheet
338Kb / 20P
   128Mb (2M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM428M3284LBA-75FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBC EOREX-EM42AM3284LBC Datasheet
295Kb / 24P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBB EOREX-EM42BM1684LBB Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA EOREX-EM42BM1684LBA Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB Datasheet
983Kb / 29P
   512Mb (8M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com