Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRU1048-3R0Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU1048-3R0Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU1048-3R0Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU1048-3R0Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU1048-3R0Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
7.4
(.291)
TYP.
TYP.
10.0 ± 0.3
(.394 ± .012)
3.4
(.134)
TYP.
3.2
(.126)
TYP.
3.4
(.134)
4.8 ± 0.3
(.189 ± .012)
10.0 ± 0.3
(.394 ± .012)
SRU1048 Series - Shielded SMD Power Inductors
Features
Available in E6 series
Unit height of 4.8 mm
Current up to 7.8 A
Lead free
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
Electrical Schematic
Inductor Connection
General Specifications
Test Voltage ........................................1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core.....................Ferrite DR and RI core
Wire .............................Enameled copper
Base ......................................LCP E4008
Terminal ....................................Ag/Ni/Sn
Rated Current
....................Ind. drop 35 % typ. at Isat
Temperature Rise
......................30 °C max. at rated Irms
Packaging.....................600 pcs. per reel
330
Inductance 100 KHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
(mΩ)
Max.
Typ.
(MHz)
(MHz)
(A)
(A)
SRU1048-R80Y
0.8
± 30
8
7.96
100.0
3.6
7.80
8.50
SRU1048-1R5Y
1.5
± 30
14
7.96
70.0
4.3
7.00
7.20
SRU1048-2R2Y
2.2
± 30
14
7.96
55.0
5.3
6.50
6.30
SRU1048-3R0Y
3.0
± 30
14
7.96
40.0
7.2
6.20
6.00
SRU1048-4R7Y
4.7
± 30
12
7.96
30.0
9.5
5.50
4.75
SRU1048-6R8Y
6.8
± 30
10
7.96
20.0
13.6
4.80
4.10
SRU1048-8R2Y
8.2
± 30
8
7.96
18.0
15.0
4.60
3.80
SRU1048-100Y
10.0
± 30
26
7.96
16.0
18.5
4.50
3.70
SRU1048-120Y
12.0
± 30
26
2.52
15.0
25.0
4.00
3.30
SRU1048-150Y
15.0
± 30
30
2.52
14.0
29.0
3.20
2.70
SRU1048-220Y
22.0
± 30
22
2.52
12.0
42.0
2.60
2.00
SRU1048-330Y
33.0
± 30
24
2.52
10.0
63.0
2.10
1.70
SRU1048-470Y
47.0
± 30
26
2.52
8.0
94.0
1.70
1.50
SRU1048-560Y
56.0
± 30
26
2.52
7.0
110.0
1.60
1.40
SRU1048-680Y
68.0
± 30
24
2.52
6.0
127.0
1.40
1.25
SRU1048-820Y
82.0
± 30
24
2.52
5.5
149.0
1.30
1.10
SRU1048-101Y
100.0
± 30
26
0.796
5.0
160.0
1.20
1.00
SRU1048-151Y
150.0
± 30
24
0.796
4.5
235.0
1.00
0.80
SRU1048-221Y
220.0
± 30
20
0.796
4.0
350.0
0.80
0.70
SRU1048-331Y
330.0
± 30
18
0.796
3.0
490.0
0.65
0.52
DIMENSIONS:
MM
(INCHES)
7.2
(.283)
1.8
(.071)
1.8
(.071)
3.6
(.142)
REF.
REF.
REF.
REF.
LCR METER


Similar Part No. - SRU1048-3R0Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU1048-3R0Y BOURNS-SRU1048-3R0Y Datasheet
234Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU1048-3R0Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com