Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM422M1684LBA-75FE Datasheet(PDF) 8 Page - Eorex Corporation

Part # EM422M1684LBA-75FE
Description  512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM422M1684LBA-75FE Datasheet(HTML) 8 Page - Eorex Corporation

Back Button EM422M1684LBA-75FE Datasheet HTML 4Page - Eorex Corporation EM422M1684LBA-75FE Datasheet HTML 5Page - Eorex Corporation EM422M1684LBA-75FE Datasheet HTML 6Page - Eorex Corporation EM422M1684LBA-75FE Datasheet HTML 7Page - Eorex Corporation EM422M1684LBA-75FE Datasheet HTML 8Page - Eorex Corporation EM422M1684LBA-75FE Datasheet HTML 9Page - Eorex Corporation EM422M1684LBA-75FE Datasheet HTML 10Page - Eorex Corporation EM422M1684LBA-75FE Datasheet HTML 11Page - Eorex Corporation EM422M1684LBA-75FE Datasheet HTML 12Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
eorex
EM42BM1684LBA
Jul. 2006
www.eorex.com
AC Operating Test Characteristics (Continued)
(VDD=1.8V±0.1V, TA=0°C ~70°C)
-75
Units
Symbol
Parameter
Min.
Max.
tRPST
Read Postamble
0.4
0.6
tCK
tRAS
Active to Precharge command period
45
120k
ns
tRC
Active to Active command period
75
-
ns
tRFC
Auto Refresh Row Cycle Time
108
-
ns
tRCD
Active to Read or Write delay
30
-
ns
tRP
Precharge command period
22.5
-
ns
tRRD
Active bank A to B command period
15
-
ns
tCCD
Column address to column address
delay
1
-
tCK
tHZP
Pre-charge command to high-Z
3
-
tCK
tCDLW
Last data in to Write command
1
-
tCK
tDPL
Last data in to Precharge command
3
-
tCK
tSREX
Exit self refresh to non-col. command
16
-
tCK
tWTR
Internal Write to Read command delay
1
-
tCK
tCKE
CKE minimum pulse width
2
-
tCK
tWPD
Write to pre-charge delay(same bank)
3+BL/2
-
tCK
tRPD
Read to pre-charge delay(same bank)
BL/2
-
tCK
tWRD
Write to Read command delay
2+BL/2
-
tCK
tBSTW
Burst stop to write delay
3
-
tCK
tWRD
Write recovery
2
-
tCK
tREFI
Average periodic refresh interval
-
7.8
us
8/20


Similar Part No. - EM422M1684LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM422M1684LBA-75FE EOREX-EM422M1684LBA-75FE Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM422M1684LBA-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBB EOREX-EM42BM1684LBB Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB Datasheet
983Kb / 29P
   512Mb (8M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBC EOREX-EM42AM3284LBC Datasheet
295Kb / 24P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42AM3284LBA EOREX-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com