Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM42BM1684LBA-8FE Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM42BM1684LBA-8FE
Description  512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42BM1684LBA-8FE Datasheet(HTML) 1 Page - Eorex Corporation

  EM42BM1684LBA-8FE Datasheet HTML 1Page - Eorex Corporation EM42BM1684LBA-8FE Datasheet HTML 2Page - Eorex Corporation EM42BM1684LBA-8FE Datasheet HTML 3Page - Eorex Corporation EM42BM1684LBA-8FE Datasheet HTML 4Page - Eorex Corporation EM42BM1684LBA-8FE Datasheet HTML 5Page - Eorex Corporation EM42BM1684LBA-8FE Datasheet HTML 6Page - Eorex Corporation EM42BM1684LBA-8FE Datasheet HTML 7Page - Eorex Corporation EM42BM1684LBA-8FE Datasheet HTML 8Page - Eorex Corporation EM42BM1684LBA-8FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
eorex
EM42BM1684LBA
Jul. 2006
www.eorex.com
512Mb (8M
×4Bank×16)
Double DATA RATE SDRAM
Features
• Internal Double-Date-Rate architecture with 2
Accesses per clock cycle.
• 1.8V
±0.1V VDD/VDDQ
• 1.8V LV-COMS compatible I/O
• Burst Length (B/L) of 2, 4, 8, 16
• 3 Clock read latency (CL3)
• Bi-directional,intermittent data strobe(DQS)
• All inputs except data and DM are sampled
at the positive edge of the system clock.
• Data Mask (DM) for write data
• Sequential & Interleaved Burst type available
• Auto Precharge option for each burst accesses
• DQS edge-aligned with data for Read cycles
• DQS center-aligned with data for Write cycles
• No DLL;CK to DQS is not synchronized
• Deep power down mode
• Partial Array Self-Refresh(PASR)
• Auto Temperature Compensated Self-Refresh
(TCSR) by built-in temperature sensor
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms
Description
The EM42BM1684LBA is high speed Synchronous
graphic RAM fabricated with ultra high performance
CMOS process containing 536,870,912 bits which
organized as 8Meg words x 4 banks by 16 bits.
The 512Mb DDR SDRAM uses a double data rate
architecture to accomplish high-speed operation.
The data path internally prefetches multiple bits and
It transfers the datafor both rising and falling edges
of the system clock.It means the doubled data
bandwidth can be achieved at the I/O pins.
Available packages:FBGA-60B(12mmx10mm).
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM42BM1684LBA-75F
32M X 16
133MHz/DDR266 @CL3
BGA-60B
Commercial.
Free
EM42BM1684LBA-75FE
32M X 16
133MHz/DDR266 @CL3
BGA-60B
Extend Temp.
Free
* EOREX reserves the right to change products or specification without notice.
1/20


Similar Part No. - EM42BM1684LBA-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42BM1684LBA-8FE EOREX-EM42BM1684LBA-8FE Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM42BM1684LBA-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBB EOREX-EM42BM1684LBB Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB Datasheet
983Kb / 29P
   512Mb (8M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBC EOREX-EM42AM3284LBC Datasheet
295Kb / 24P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42AM3284LBA EOREX-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com