Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1594 Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH1594
Description  80-Segment and 17-Common Outputs LCD Driver IC with A Built-in CGROM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1594 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH1594 Datasheet HTML 5Page - Sharp Corporation LH1594 Datasheet HTML 6Page - Sharp Corporation LH1594 Datasheet HTML 7Page - Sharp Corporation LH1594 Datasheet HTML 8Page - Sharp Corporation LH1594 Datasheet HTML 9Page - Sharp Corporation LH1594 Datasheet HTML 10Page - Sharp Corporation LH1594 Datasheet HTML 11Page - Sharp Corporation LH1594 Datasheet HTML 12Page - Sharp Corporation LH1594 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LH1594/LH1595
9
To Internal Circuit
VSS (0 V)
I
O
VDD
VDD
VSS (0 V)
Output Control Signal
Output Signal
Input Control Signal
VSS (0 V)
Fig. 4
Input/Output Circuit (2)
¿Applicable pins¡
D7-D0
O
VDD
VDD
VSS (0 V)
Output Signal
VSS (0 V)
V0
V1/V2
VSS (0 V)
V3/V4
VSS (0 V)
Output
Control Signal 1
Output
Control Signal 3
Output
Control Signal 2
Output
Control Signal 4
O
VSS (0 V)
V0
Fig. 5
Output Circuit
Fig. 6
LCD Drive Output Circuit
¿Applicable pins¡
LP, FLM, M,
SEGS0-SEGS9,
COMS
¿Applicable pins¡
SEG0-SEG79,
COM0-COM15,
COMI


Similar Part No. - LH1594

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
LH15 CMLMICRO-LH15 Datasheet
84Kb / 1P
   Bayonet Holder with solder tags
logo
MORNSUN Science& Techno...
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
1Mb / 7P
   15W, AC-DC converter
More results

Similar Description - LH1594

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH155BA SHARP-LH155BA Datasheet
288Kb / 51P
   128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
logo
Sitronix Technology Co....
ST8008 SITRONIX-ST8008 Datasheet
376Kb / 21P
   80 Output LCD Segment Driver IC
logo
Anpec Electronics Corop...
APU0594 ANPEC-APU0594 Datasheet
966Kb / 11P
   80 Segment / 17 Common Controller for Dot Matrix LCD
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com