Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1595 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LH1595
Description  80-Segment and 17-Common Outputs LCD Driver IC with A Built-in CGROM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1595 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LH1595 Datasheet HTML 7Page - Sharp Corporation LH1595 Datasheet HTML 8Page - Sharp Corporation LH1595 Datasheet HTML 9Page - Sharp Corporation LH1595 Datasheet HTML 10Page - Sharp Corporation LH1595 Datasheet HTML 11Page - Sharp Corporation LH1595 Datasheet HTML 12Page - Sharp Corporation LH1595 Datasheet HTML 13Page - Sharp Corporation LH1595 Datasheet HTML 14Page - Sharp Corporation LH1595 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LH1594/LH1595
11
2.1.4. SERIAL INTERFACE
[FOR LH1594]
The serial interface for the LH1594 is I2C BUS
format. I2C BUS is for bi-directional two-line
communication between different ICs or other
modules.
LH1594 always operates as a slave device, so
sending data of start and stop is controlled by
start/stop bits which are sent by master device.
[FOR LH1595]
The serial interface of LH1595 can accept inputs of
SDA and SCL in the chip selection state (CSB =
"L"). When not in the chip selection state, the
internal shift register and counter are reset to their
initial condition.
Serial data SDA are input sequentially in order of
D7 to D0 at the rising edge of serial clock (SCL)
and are converted into 8-bit parallel data (by serial
to parallel conversion) at the rising edge of the 8th
serial clock, being processed in accordance with
the data.
The identification whether the serial data inputs
(SDA) are display data or commands is judged by
input to RS pin.
RS = "H" : Display data
RS = "L" : Commands
After completing 8-bit data transferring, or when
making no access, be sure to set serial clock input
(SCL) to "L".
Protection of SDA and SCL signals against external
noise should be taken in actual wiring. To prevent
the successive recognition errors of transferring
data from external noise, release the chip selection
state (CSB = "H") at every completion of 8-bit data
transferring.
Valid
D0
RS
SCL
SDA
CSB
D1
D2
D3
D4
D5
D6
D7
8
7
6
5
4
3
2
1


Similar Part No. - LH1595

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
LH15 CMLMICRO-LH15 Datasheet
84Kb / 1P
   Bayonet Holder with solder tags
logo
MORNSUN Science& Techno...
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
1Mb / 7P
   15W, AC-DC converter
More results

Similar Description - LH1595

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH155BA SHARP-LH155BA Datasheet
288Kb / 51P
   128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
logo
Sitronix Technology Co....
ST8008 SITRONIX-ST8008 Datasheet
376Kb / 21P
   80 Output LCD Segment Driver IC
logo
Anpec Electronics Corop...
APU0594 ANPEC-APU0594 Datasheet
966Kb / 11P
   80 Segment / 17 Common Controller for Dot Matrix LCD
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com