Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9598 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9598
Description  Low-Power Audio/Video Switch for Dual SCART Connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9598 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9598 Datasheet HTML 2Page - Maxim Integrated Products MAX9598 Datasheet HTML 3Page - Maxim Integrated Products MAX9598 Datasheet HTML 4Page - Maxim Integrated Products MAX9598 Datasheet HTML 5Page - Maxim Integrated Products MAX9598 Datasheet HTML 6Page - Maxim Integrated Products MAX9598 Datasheet HTML 7Page - Maxim Integrated Products MAX9598 Datasheet HTML 8Page - Maxim Integrated Products MAX9598 Datasheet HTML 9Page - Maxim Integrated Products MAX9598 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Low-Power Audio/Video Switch for
Dual SCART Connectors
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V12 = 12V, VVID = VAUD = 3.3V, GNDVID = EP = 0V, no load, TA = 0°C to +70°C, unless otherwise noted. Typical values are at TA
= +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Setup Time for a Repeated
START Condition
tSU, STA
0.6
µs
Data Hold Time
tHD, DAT
(Note 4)
0
0.9
µs
Data Setup Time
tHD, DAT
100
ns
Fall Time of SDA Transmitting
tF
ISINK
≤ 6mA, CB = total capacitance of one
bus line in pF, tR and tF measured between
0.3VVID and 0.7VVID, CB ≤ 400pF
100
ns
Setup Time for STOP Condition
tSU, STO
0.6
µs
Pulse Width of Spike Suppressed
tSP
Input filters on the SDA and SCL inputs
suppress noise spikes less than 50ns
050
ns
OTHER DIGITAL I/O
DEV_ADDR Low Level
0.3 x VVID
V
DEV_ADDR High Level
0.7 x VVID
V
DEV_ADDR Input Current
-1
+1
µA
Interrupt Output Low Voltage
IOL = 0.5mA
0.1
V
Interrupt Output Leakage Current
INT high impedance
10
µA
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Normal operation mode is the POR state.
Note 3: The settling time is measured from the 50% of the input swing to the 0.1% of the final value of the output.
Note 4: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) in order to
bridge the undefined region of SCL’s falling edge.


Similar Part No. - MAX9598

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9598 MAXIM-MAX9598 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598 MAXIM-MAX9598 Datasheet
832Kb / 16P
   Easy-to-Use, Menu-Driven Software
Rev 0; 3/08
MAX9598CTL++ MAXIM-MAX9598CTL+ Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598EVKIT MAXIM-MAX9598EVKIT Datasheet
832Kb / 16P
   Easy-to-Use, Menu-Driven Software
Rev 0; 3/08
MAX9598EVKIT++ MAXIM-MAX9598EVKIT+ Datasheet
832Kb / 16P
   Easy-to-Use, Menu-Driven Software
Rev 0; 3/08
More results

Similar Description - MAX9598

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9670 MAXIM-MAX9670 Datasheet
694Kb / 42P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 0; 7/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com