Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13041 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13041
Description  ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13041 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13041 Datasheet HTML 3Page - Maxim Integrated Products MAX13041 Datasheet HTML 4Page - Maxim Integrated Products MAX13041 Datasheet HTML 5Page - Maxim Integrated Products MAX13041 Datasheet HTML 6Page - Maxim Integrated Products MAX13041 Datasheet HTML 7Page - Maxim Integrated Products MAX13041 Datasheet HTML 8Page - Maxim Integrated Products MAX13041 Datasheet HTML 9Page - Maxim Integrated Products MAX13041 Datasheet HTML 10Page - Maxim Integrated Products MAX13041 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
±80V Fault-Protected High-Speed CAN Transceiver
with Low-Power Management and Wake-On CAN
_______________________________________________________________________________________
7
RXD OUTPUT VOLTAGE HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
02468
10
12
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
TA = +125
°C
TA = +25
°C
TA = -40
°C
ERR OUTPUT VOLTAGE LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
TA = +125
°C
TA = +25
°C
TA = -40
°C
ERR OUTPUT VOLTAGE HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (
μA)
0
50
100
150
200
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
TA = -40
°C
TA = +125
°C
TA = +25
°C
INH VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
02468
10
12
0
2
4
6
8
10
12
TA = +25
°C
TA = -40
°C
TA = +125
°C
Typical Operating Characteristics (continued)
(VCC = +5V, VI/O = +3.3V. VBAT = +12V, RL = 60Ω, CSPLIT = 4700pF, TA = +25°C, unless otherwise noted.)
DIFFERENTIAL OUTPUT VOLTAGE
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
0
200
400
600
800
1000
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
NORMAL MODE
RXD OUTPUT VOLTAGE LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
0
5
10
15
20
25
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
TA = -40
°C
TA = +25
°C
TA = +125
°C


Similar Part No. - MAX13041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13041 MAXIM-MAX13041 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041ASD++ MAXIM-MAX13041ASD+ Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041ASD/V++ MAXIM-MAX13041ASD/V+ Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
More results

Similar Description - MAX13041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13051 MAXIM-MAX13051_14 Datasheet
249Kb / 12P
   ±80V Fault-Protected Can Transceiver with Autobaud
Rev 1; 10/12
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
530Kb / 7P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI-TCAN1043A-Q1_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
logo
Maxim Integrated Produc...
MAX3053 MAXIM-MAX3053_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 1; 5/14
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com