Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8518APDG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8518APDG
Description  Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8518APDG Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8518APDG Datasheet HTML 1Page - ON Semiconductor NCV8518APDG Datasheet HTML 2Page - ON Semiconductor NCV8518APDG Datasheet HTML 3Page - ON Semiconductor NCV8518APDG Datasheet HTML 4Page - ON Semiconductor NCV8518APDG Datasheet HTML 5Page - ON Semiconductor NCV8518APDG Datasheet HTML 6Page - ON Semiconductor NCV8518APDG Datasheet HTML 7Page - ON Semiconductor NCV8518APDG Datasheet HTML 8Page - ON Semiconductor NCV8518APDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCV8518A
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VIN, ENABLE
-0.3 to 45
V
Output Voltage
VOUT
-0.3 to +7.0
V
RESET Voltage
VRESET
0 V to VOUT
V
RESET Current
(RESET may be incidentally shorted either to VOUT or to GND without damage)
IRESET
Internally
Limited
mA
ESD Susceptibility (Human Body Model)
-
2.0
kV
Logic Inputs/Outputs (Reset, WDI, Wake Up, Delay)
-
-0.3 to +7.0
V
Operating Junction Temperature
TJ
-40 to150
°C
Storage Temperature Range
TS
-55 to +150
°C
Moisture Sensitivity Level
SOIC-16 EP (Case 751R)
SOIC-8 EP (Case 751AC)
MSL
2
2
Lead Temperature Soldering: Reflow
Leaded Part
60-150 sec above 183
°C, 30 sec max at peak
Lead-Free Part
60-150 sec above 217
°C, 40 sec max at peak
-
-
240 peak
265 peak
°C
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Parameter
Board/Mounting Conditions Typical Value
Unit
SO-8 Exposed Pad Package
minimum-pad board (Note 1)
1 sq. inch spreader board (Note 2)
Junction to case top (
Y-JT, qJT)
19
8
°C/W
Junction to pin1 (
Y-JL1, qJL1)
68
63
°C/W
Junction to board (
Y-JB, qJB)3
9
10
°C/W
Junction to ambient (RqJA, qJA)
235
57
°C/W
SO-16 Exposed Pad Package
minimum-pad board (Note 3)
1 sq. inch spreader board (Note 2)
Junction to case top (
Y-JT, qJT)
30
16
°C/W
Junction to pin1 (
Y-JL1, qJL1)
70
65
°C/W
Junction to board (
Y-JB, qJB) (Note 4)
15
17
°C/W
Junction to ambient (RqJA, qJA)
150
55
°C/W
Specific notes on thermal characterization conditions:
All boards are 0.062” thick FR4, 3” square, with varying amounts of copper heat spreader, in still air (free convection) conditions. Numerical
values are derived from an axisymmetric finite-element model where active die area, total die area, flag area, pad area, and board area are
equated to the actual corresponding areas.
1. 1 oz copper, 6 x 9 mm, 0.062” thick FR-4.
2. 1 oz copper, 645 mm2 (1in2) spreader area (includes exposed pad).
3. 1 oz copper, 17.2 mm2 spreader area (minimum exposed pad, not including traces which are assumed).
4.
“board” is defined as center of exposed pad soldered to board; this is the recommended number to be used for thermal calculations, as it
best represents the primary heat flow path and is least sensitive to board and ambient properties.


Similar Part No. - NCV8518APDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518 ONSEMI-NCV8518 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8518BPDR2G ONSEMI-NCV8518BPDR2G Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8518BPDR2G ONSEMI-NCV8518BPDR2G Datasheet
172Kb / 13P
   Low Dropout Linear Regulator
May, 2011 ??Rev. 2
NCV8518BPWR2G ONSEMI-NCV8518BPWR2G Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
More results

Similar Description - NCV8518APDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
logo
ON Semiconductor
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
logo
Infineon Technologies A...
TLS820F3ELV50 INFINEON-TLS820F3ELV50 Datasheet
2Mb / 42P
   OPTIREG™ linear TLS820F3ELV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
Infineon Technologies A...
TLS820F3ELV33 INFINEON-TLS820F3ELV33 Datasheet
2Mb / 42P
   OPTIREG™ linear TLS820F3ELV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS850F3TUV33 INFINEON-TLS850F3TUV33 Datasheet
1Mb / 35P
   OPTIREG™ linear TLS850F3TUV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS850F3TUV50 INFINEON-TLS850F3TUV50 Datasheet
1Mb / 35P
   OPTIREG™ linear TLS850F3TUV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com