Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTACRMG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZTACRMG
Description  SMD Resonators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZTACRMG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZTACRMG Datasheet HTML 1Page - List of Unclassifed Manufacturers ZTACRMG Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACT ZTACR SMD Resonators
Specification
Part Type/
Frequency
Test IC
Vdd
Frequency
Stability over
Aging over
External
Number
Range MHz
accuracy
temp. range
10 years
Cap. (pF)
@25°C (%)
(-20 +80°C)(%)
(%)
C1 & C2
ZTACR MG
4.0 ~ 8.0
+5V
±0.5
±0.3
±0.3
30
Vibration Mode: Thickness shear.
The ACT ZTACR family of Ceramic SMD Resonators offers a cost effective solution to
those applications requiring a wide temperature range together with accuracy.
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Package Type and Size
TC4069UBP x 2
Important note when using Ceramic resonators with micro controllers .
Some resonator parameters vary considerably with frequency and physical construction/size . These
differences are too great to be able to be practically shown in a data sheet.
However, these parameters can be critical when the resonators are used with micro controllers. Even if two
different resonators appear to have the same specification the typical values of these critical parameters can be
considerably different. When enquiring about resonators for use with micro controllers it is important to supply
the make and part number of the micro controller to be used and/or the list of recommended resonators, if this is
given.
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue :8 C1r
Date : 28/09/05


Similar Part No. - ZTACRMG

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
ZTACRMG TOKEN-ZTACRMG Datasheet
427Kb / 4P
   Redial Taping Dimensions
logo
AiT Semiconductor Inc.
ZTACRMG AITSEMI-ZTACRMG Datasheet
178Kb / 1P
   CERAMIC RESONATOR ZTA/ZTACx
More results

Similar Description - ZTACRMG

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
   SMD Resonators
27/03/2008
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
   SMD Resonators
01/108/07
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
   SMD Resonators
10/10/05
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
   SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
   SMD Resonators
28/09/05
ACTZTTCR ACT-ACTZTTCR Datasheet
216Kb / 2P
   SMD Resonators
30/06/06
ACTZTACV ACT-ACTZTACV Datasheet
167Kb / 2P
   SMD Resonators
28/09/05
ACTZTACS ACT-ACTZTACS Datasheet
151Kb / 2P
   SMD Resonators
28/06/06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com