Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N60LL-A-TN3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N60LL-A-TN3-T
Description  2 Amps,􀀁600/650 Volts N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60LL-A-TN3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  2N60LL-A-TN3-T Datasheet HTML 1Page - Unisonic Technologies 2N60LL-A-TN3-T Datasheet HTML 2Page - Unisonic Technologies 2N60LL-A-TN3-T Datasheet HTML 3Page - Unisonic Technologies 2N60LL-A-TN3-T Datasheet HTML 4Page - Unisonic Technologies 2N60LL-A-TN3-T Datasheet HTML 5Page - Unisonic Technologies 2N60LL-A-TN3-T Datasheet HTML 6Page - Unisonic Technologies 2N60LL-A-TN3-T Datasheet HTML 7Page - Unisonic Technologies 2N60LL-A-TN3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N60L
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-182,A
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
2N60L-A
600
V
Drain-Source Voltage
2N60L-B
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 1)
IAR
2.0
A
TC = 25°C
2.0
A
Drain Current Continuous
TC = 100°C
ID
1.26
A
Drain Current Pulsed (Note 1)
IDP
8.0
A
Single Pulsed (Note 2)
EAS
140
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
4.5
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TO-220
32
W
TO-220F
9
W
TO-251
25
W
Total Power Dissipation
TO-252
PD
20
W
Junction Temperature
TJ
+150
Operating Temperature
TOPR
-55 ~ +150
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
TO-251
65
TO-252
58
TO-220
43
Thermal Resistance Junction-Ambient
TO-220F
θJA
38
TO-251
5
TO-252
6
TO-220
4
Thermal Resistance Junction-Case
TO-220F
θJc
12
/W
ELECTRICAL CHARACTERISTICS (TJ =25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
2N60L-A
600
V
Drain-Source Breakdown Voltage
2N60L-B
BVDSS
VGS = 0V, ID = 250µA
650
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
10
µA
Forward
VGS = 30V, VDS = 0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature
Coefficient
BVDSS/T
J
ID = 250 µA, Referenced to
25°C
0.4
V/℃
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID =1A
3.8
5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
270
350
pF
Output Capacitance
COSS
40
50
pF
Reverse Transfer Capacitance
CRSS
VDS =25V, VGS =0V, f =1MHz
5
7
pF


Similar Part No. - 2N60LL-A-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60LL-T2Q-T UTC-2N60LL-T2Q-T Datasheet
235Kb / 7P
   N-CHANNEL POWER MOSFET
2N60LL-TA3-T UTC-2N60LL-TA3-T Datasheet
190Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60LL-TA3-T UTC-2N60LL-TA3-T Datasheet
235Kb / 7P
   N-CHANNEL POWER MOSFET
2N60LL-TF1-T UTC-2N60LL-TF1-T Datasheet
190Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60LL-TF1-T UTC-2N60LL-TF1-T Datasheet
235Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 2N60LL-A-TN3-T

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2N65P FS-FTK2N65P Datasheet
346Kb / 7P
   2 Amps, 650 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
185Kb / 6P
   2 Amps, 650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK8N65PD FS-FTK8N65PD Datasheet
584Kb / 7P
   8.0 Amps, 650 Volts N-CHANNEL MOSFET
logo
Chongqing Pingwei Enter...
20N65Y CHONGQING-20N65Y Datasheet
481Kb / 7P
   20 Amps,650 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK8N65P FS-FTK8N65P Datasheet
584Kb / 7P
   8.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK7N65D FS-FTK7N65D Datasheet
615Kb / 7P
   7.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK12N65P FS-FTK12N65P Datasheet
427Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N65 UTC-15N65 Datasheet
170Kb / 7P
   15 Amps, 650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com