Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA113 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PGA113
Description  Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA113 Datasheet(HTML) 4 Page - Texas Instruments

  PGA113 Datasheet HTML 1Page - Texas Instruments PGA113 Datasheet HTML 2Page - Texas Instruments PGA113 Datasheet HTML 3Page - Texas Instruments PGA113 Datasheet HTML 4Page - Texas Instruments PGA113 Datasheet HTML 5Page - Texas Instruments PGA113 Datasheet HTML 6Page - Texas Instruments PGA113 Datasheet HTML 7Page - Texas Instruments PGA113 Datasheet HTML 8Page - Texas Instruments PGA113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
www.ti.com
PGA112
,, PGA113
PGA116, PGA117
SBOS424 – MARCH 2008
ELECTRICAL CHARACTERISTICS: VS = AVDD = DVDD = +5V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ//CL = 100pF connected to DVDD/2, and VREF = GND, unless otherwise noted.
PGA112, PGA113
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output Swing from Rail
IOUT = ±0.25mA, AVDD ≥ DVDD
(6)
GND + 0.05
DVDD – 0.05
V
IOUT = ±5mA, AVDD ≥ DVDD
(6)
GND + 0.25
DVDD – 0.25
V
DC Output Nonlinearity
VOUT = GND + 85mV to DVDD – 85mV
(7)
0.0015
%FSR
Short-Circuit Current
ISC
–30/+60
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
NOISE
Input Voltage Noise Density
en
f > 10kHz, CL = 100pF, VS = 5V
12
nV/
√Hz
f > 10kHz, CL = 100pF, VS = 2.2V
22
nV/
√Hz
Input Voltage Noise
en
f = 0.1Hz to 10Hz, CL = 100pF, VS = 5V
0.362
µV
PP
f = 0.1Hz to 10Hz, CL = 100pF, VS = 2.2V
0.736
µV
PP
Input Current Density
In
f = 10kHz, CL = 100pF
400
fA/
√Hz
SLEW RATE
Slew Rate
SR
See Table 1
V/
µs
SETTLING TIME
Settling Time
tS
See Table 1
µs
FREQUENCY RESPONSE
Frequency Response
See Table 1
MHz
THD + NOISE
G = 1, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.003
%
G = 10, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.005
%
G = 50, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.03
%
G = 128, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.08
%
G = 200, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.1
%
G = 1, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.02
%
G = 10, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.01
%
G = 50, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.03
%
G = 128, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.08
%
G = 200, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.11
%
POWER SUPPLY
Operating Voltage Range
(6)
AVDD
2.2
5.5
V
DVDD
2.2
5.5
V
Quiescent Current Analog
IQA
IO = 0, G = 1, VOUT = VREF
0.33
0.45
mA
Over Temperature, –40
°C to +125°C
0.45
mA
IO = 0, G = 1, VOUT = VREF, SCLK at 10MHz,
Quiescent Current Digital
(8) (9) (10)
IQD
0.75
1.2
mA
CS = Logic 0, DIO = Logic 0
IO = 0, G = 1, VOUT = VREF, SCLK at 10MHz,
Over Temperature, –40
°C to +125°C(8)(9)(10)
1.2
mA
CS = Logic 0, DIO = Logic 0
Shutdown Current Analog + Digital
(8) (9)
ISDA + ISDD
IO = 0, VOUT = VREF, G = 1, SCLK Idle
4
µA
IO = 0, VOUT = 0, G = 1, SCLK at 10MHz,
245
µA
CS = Logic 0, DIO = Logic 0
POWER-ON RESET (POR)
Digital interface disabled and Command Register set to POR
POR Trip Voltage
1.6
V
values for DVDD < POR Trip Voltage
(6)
When AVDD is less than DVDD, the output is clamped to AVDD + 300mV.
(7)
Measurement limited by noise in test equipment and test time.
(8)
Does not include current into or out of the VREF pin. Internal RF and RI are always connected between VOUT and VREF.
(9)
Digital logic levels: DIO = logic 0. 10
µA internal current source.
(10) Includes current from op amp output structure.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PGA112 PGA113


Similar Part No. - PGA113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA113 TI-PGA113 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA113 TI-PGA113 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA113 TI-PGA113 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA113AIDGSR TI-PGA113AIDGSR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA113AIDGSR TI-PGA113AIDGSR Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com